Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXL5502M Datasheet(PDF) 11 Page - Sony Corporation

Part # CXL5502M
Description  CMOS-CCD 1H Delay Line for NTSC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5502M Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXL5502M Datasheet HTML 5Page - Sony Corporation CXL5502M Datasheet HTML 6Page - Sony Corporation CXL5502M Datasheet HTML 7Page - Sony Corporation CXL5502M Datasheet HTML 8Page - Sony Corporation CXL5502M Datasheet HTML 9Page - Sony Corporation CXL5502M Datasheet HTML 10Page - Sony Corporation CXL5502M Datasheet HTML 11Page - Sony Corporation CXL5502M Datasheet HTML 12Page - Sony Corporation CXL5502M Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
– 11 –
CXL5502M/N/P
Differential gain vs. Supply voltage
4.75
5
5.25
2
4
6
8
10
0
Supply voltage [V]
Frequency response vs. Supply voltage
4.75
5
5.25
–2
–1
0
–3
Supply voltage [V]
Frequency response
10k
100k
1M
–6
–4
–2
0
2
Frequency [Hz]
10M


Similar Part No. - CXL5502M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504P SONY-CXL5504P Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5505P SONY-CXL5505P Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results

Similar Description - CXL5502M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC with PLL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com