Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXL5003 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXL5003
Description  CMOS-CCD 1H Delay Line for PAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5003 Datasheet(HTML) 6 Page - Sony Corporation

  CXL5003 Datasheet HTML 1Page - Sony Corporation CXL5003 Datasheet HTML 2Page - Sony Corporation CXL5003 Datasheet HTML 3Page - Sony Corporation CXL5003 Datasheet HTML 4Page - Sony Corporation CXL5003 Datasheet HTML 5Page - Sony Corporation CXL5003 Datasheet HTML 6Page - Sony Corporation CXL5003 Datasheet HTML 7Page - Sony Corporation CXL5003 Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
– 6 –
CXL5003M/P
Application Circuit
L. P. F
CXL5003M/P
5V
0.01µF
CLK
fCLK = 13.3MHz
VCLK = 250mVp-p sine wave
0.01µF
0.1µF
Composite video signal input
0.1µF
1M
9V
5.1k
5
6
7
8
4
2
1H delay signal output
3
1
9V
0.01µF
47µF
0.01µF
47µF
2SA1175
Delay time
170ns
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
0
–1
–2
–3
Frequency response vs. Ambient temperature
–20
Ta – Ambient temperature [°C]
0
20
40
60
–4
Input = 300mVp-p
4.43MHz, sine wave
0
–1
–2
–3
VCL – Supply voltage [V]
4.7
5.0
5.3
–4
Frequency response vs. Supply voltage
Input = 300mVp-p
4.43MHz, sine wave
0
–1
–2
–3
8.5
9.0
9.5
–4
VDD – Supply voltage [V]
Frequency response vs. Supply voltage
Input = 300mVp-p
4.43MHz, sine wave
Ta – Ambient temperature [°C]
1
0
–1
–2
0
60
–3
–20
20
40
Input = 1.28Vp-p
250kHz, sine wave
Insertion gain vs. Ambient temperature


Similar Part No. - CXL5003

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001P SONY-CXL5001P Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5002M SONY-CXL5002M Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5002P SONY-CXL5002P Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC with PLL
More results

Similar Description - CXL5003

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5515M SONY-CXL5515M Datasheet
142Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL1506M SONY-CXL1506M Datasheet
170Kb / 12P
   CMOS-CCD 1H/2H Delay Line for PAL
logo
Sanyo Semicon Device
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
   PAL CCD 1H Delay Line
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com