Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD30HUF1 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RD30HUF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor,520MHz,30W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD30HUF1 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RD30HUF1_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD30HUF1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD30HUF1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD30HUF1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD30HUF1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD30HUF1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD30HUF1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD30HUF1_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD30HUF1_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD30HUF1
RoHS Compliance, Silicon MOSFET Power Transistor,520MHz,30W
Publication Date : Oct.2011
6
INPUT/OUTPUT IMPEDANCE VS.FREQUENCY CHARACTERISTICS
Zin , Zout
F
Zin
Zout
(MHz)
(ohm)
(ohm)
Conditions
440
1.16-j0.14
1.17+j0.74
Po=40W, Vdd=12.5V,Pin=3.0W
480
0.90+j0.35
1.15+j1.07
Po=38W, Vdd=12.5V,Pin=3.0W
520
0.88+j0.84
1.47+j1.24
Po=35W, Vdd=12.5V,Pin=3.0W
f=520MHz Zout
f=520MHz Zin
f=480MHz Zin
f=440MHz Zout
f=480MHz Zout
f=440MHz Zin
Zo=10


Similar Part No. - RD30HUF1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD30HUF1 MITSUBISHI-RD30HUF1_06 Datasheet
404Kb / 7P
   Silicon MOSFET Power Transistor,520MHz,30W
More results

Similar Description - RD30HUF1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD01MUS2 MITSUBISHI-RD01MUS2_11 Datasheet
419Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1_10 Datasheet
203Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD09MUP2 MITSUBISHI-RD09MUP2_11 Datasheet
343Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD01MUS1 MITSUBISHI-RD01MUS1 Datasheet
235Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD09MUP2 MITSUBISHI-RD09MUP2_10 Datasheet
148Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1_11 Datasheet
394Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD60HUF1 MITSUBISHI-RD60HUF1_06 Datasheet
383Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,60W
RD70HVF1 MITSUBISHI-RD70HVF1 Datasheet
414Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz70W 520MHz,50W
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com