Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD15HVF1 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # RD15HVF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD15HVF1 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button RD15HVF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD15HVF1
RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
Publication Date : Oct.2011
9
ATTENTION:
1.High Temperature ; This product might have a heat generation while operation,Please take notice that have
a possibility to receive a burn to touch the operating product directly or touch the product until cold after switch
off. At the near the product,do not place the combustible material that have possibilities to arise the fire.
2.Generation of High Frequency Power ; This product generate a high frequency power. Please take notice
that do not leakage the unnecessary electric wave and use this products without cause damage for human and
property per normal operation.
3.Before use; Before use the product,Please design the equipment in consideration of the risk for human and
electric wave obstacle for equipment.
PRECAUTIONS FOR THE USE OF MITSUBISHI SILICON RF POWER DEVICES:
1. The specifications of mention are not guarantee values in this data sheet. Please confirm additional details
regarding operation of these products from the formal specification sheet.
For copies of the formal
specification sheets, please contact one of our sales offices.
2.RA series products (RF power amplifier modules) and RD series products (RF power transistors) are designed
for consumer mobile communication terminals and were not specifically designed for use in other applications.
In particular, while these products are highly reliable for their designed purpose, they are not manufactured
under a quality assurance testing protocol that is sufficient to guarantee the level of reliability typically deemed
necessary for critical communications elements and In the application, which is base station applications and
fixed station applications that operate with long term continuous transmission and a higher on-off frequency
during transmitting, please consider the derating, the redundancy system, appropriate setting of the maintain
period and others as needed. For the reliability report which is described about predicted operating life time of
Mitsubishi Silicon RF Products , please contact Mitsubishi Electric Corporation or an authorized Mitsubishi
Semiconductor product distributor.
3. RD series products use MOSFET semiconductor technology. They are sensitive to ESD voltage therefore
appropriate ESD precautions are required.
4. In the case of use in below than recommended frequency, there is possibility to occur that the device is
deteriorated or destroyed due to the RF-swing exceed the breakdown voltage.
5. In order to maximize reliability of the equipment, it is better to keep the devices temperature low. It is
recommended to utilize a sufficient sized heat-sink in conjunction with other cooling methods as needed (fan,
etc.) to keep the channel temperature for RD series products lower than 120deg/C(in case of
Tchmax=150deg/C) ,140deg/C(in case of Tchmax=175deg/C) under standard conditions.
6. Do not use the device at the exceeded the maximum rating condition. In case of plastic molded devices, the
exceeded maximum rating condition may cause blowout, smoldering or catch fire of the molding resin due to
extreme short current flow between the drain and the source of the device. These results causes in fire or
injury.
7. For specific precautions regarding assembly of these products into the equipment, please refer to the
supplementary items in the specification sheet.
8. Warranty for the product is void if the products protective cap (lid) is removed or if the product is modified in
any way from it’s original form.
9. For additional “Safety first” in your circuit design and notes regarding the materials, please refer the last page
of this data sheet.
10. Please refer to the additional precautions in the formal specification sheet.


Similar Part No. - RD15HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
406Kb / 9P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
408Kb / 9P
   RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
334Kb / 10P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
logo
Quanzhou Jinmei Electro...
RD15HVF1 JMNIC-RD15HVF1 Datasheet
411Kb / 9P
   Silicon MOSFET Power Transistor
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1_08 Datasheet
408Kb / 9P
   RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
More results

Similar Description - RD15HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
406Kb / 9P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1_10 Datasheet
334Kb / 10P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1_08 Datasheet
408Kb / 9P
   RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD05MMP1 MITSUBISHI-RD05MMP1_11 Datasheet
349Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD05MMP1 MITSUBISHI-RD05MMP1 Datasheet
128Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com