Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD15HVF1 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RD15HVF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD15HVF1 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button RD15HVF1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD15HVF1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD15HVF1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD15HVF1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD15HVF1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD15HVF1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD15HVF1_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD15HVF1_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RD15HVF1_11 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD15HVF1
RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
Publication Date : Oct.2011
8
RD15HVF1 S-PARAMETER DATA (@Vdd=12.5V, Id=500mA)
Freq.
[MHz]
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
50
0.717
-145.9
23.274
101.8
0.023
26.0
0.556
-130.2
100
0.726
-163.9
12.054
85.7
0.024
27.7
0.547
-150.4
150
0.744
-171.1
8.049
74.7
0.025
36.1
0.560
-157.8
175
0.748
-173.6
6.804
70.2
0.025
41.8
0.571
-160.1
200
0.755
-175.9
5.886
66.3
0.026
48.1
0.588
-161.8
250
0.770
-179.0
4.622
58.6
0.030
57.7
0.625
-164.3
300
0.787
177.6
3.731
51.5
0.036
65.3
0.647
-167.5
350
0.804
174.6
3.092
45.3
0.044
70.3
0.683
-170.9
400
0.821
171.2
2.623
39.1
0.053
73.5
0.716
-173.7
450
0.838
168.2
2.229
33.2
0.062
74.6
0.734
-176.8
500
0.849
165.1
1.938
28.3
0.072
73.9
0.765
179.4
520
0.854
163.7
1.845
26.1
0.076
73.9
0.777
178.0
550
0.862
161.7
1.695
22.9
0.082
72.6
0.788
176.3
800
0.900
145.0
0.971
4.2
0.135
62.8
0.859
159.0
850
0.904
141.3
0.864
0.0
0.143
59.6
0.870
155.7
900
0.909
137.9
0.790
-1.4
0.153
57.8
0.877
152.4
950
0.910
134.6
0.738
-4.4
0.163
54.8
0.880
149.0
1000
0.910
131.2
0.662
-6.8
0.170
51.4
0.886
145.7
1050
0.911
127.5
0.612
-8.4
0.178
49.4
0.892
142.1
S11
S21
S12
S22


Similar Part No. - RD15HVF1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1_10 Datasheet
334Kb / 10P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
logo
Quanzhou Jinmei Electro...
RD15HVF1 JMNIC-RD15HVF1_15 Datasheet
411Kb / 9P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD15HVF1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
406Kb / 9P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1_10 Datasheet
334Kb / 10P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1_08 Datasheet
408Kb / 9P
   RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD05MMP1 MITSUBISHI-RD05MMP1_11 Datasheet
349Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD05MMP1 MITSUBISHI-RD05MMP1 Datasheet
128Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com