Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD12MVS1 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RD12MVS1
Description  RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD12MVS1 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RD12MVS1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD12MVS1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD12MVS1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD12MVS1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD12MVS1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD12MVS1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD12MVS1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD12MVS1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD12MVS1
RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
Publication Date : Oct.2011
3
TYPICAL CHARACTERISTICS
CHANNEL DISSIPATION VS.
AMBIENT TEMPERATURE
0
10
20
30
40
50
60
0
40
80
120
160
200
AMBIENT TEMPERATURE Ta(°C)
On PCB(*1)
with throgh hole
and Heat-sink
On PCB(*1) with Heat-sink
*1:The material of the PCB
Glass epoxy (t=0.6 mm)
Vds VS. Crss CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
Vds(V)
Ta=+25°C
f=1MHz
Vds VS. Coss CHARACTERISTICS
0
20
40
60
80
100
120
140
160
180
0
5
10
15
20
Vds(V)
Ta=+25°C
f=1MHz
Vds VS. Ciss CHARACTERISTICS
0
20
40
60
80
100
120
140
160
0
5
10
15
20
Vds(V)
Ta=+25°C
f=1MHz
Vds-Ids CHARACTERISTICS
0
1
2
3
4
5
6
7
8
9
0
2
4
6
8
10
Vds(V)
Ta=+25°C
Vgs=7.5V
Vgs=5.5V
Vgs=4.5V
Vgs=5.0V
Vgs=6.0V
Vgs=4.0V
Vgs=3.5V
Vgs-Ids CHARACTERISTICS
0
2
4
6
8
10
0
1
2
3
4
5
6
7
Vgs(V)
Ta=+25°C
Vds=10V
Ids
GM


Similar Part No. - RD12MVS1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
470Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
More results

Similar Description - RD12MVS1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
470Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD00HVS1 MITSUBISHI-RD00HVS1_11 Datasheet
335Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD06HVF1 MITSUBISHI-RD06HVF1_11 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVP1 MITSUBISHI-RD12MVP1_10 Datasheet
142Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com