Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL5005M Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXL5005M
Description  CMOS-CCD 1H Delay Line for NTSC with PLL
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5005M Datasheet(HTML) 1 Page - Sony Corporation

  CXL5005M Datasheet HTML 1Page - Sony Corporation CXL5005M Datasheet HTML 2Page - Sony Corporation CXL5005M Datasheet HTML 3Page - Sony Corporation CXL5005M Datasheet HTML 4Page - Sony Corporation CXL5005M Datasheet HTML 5Page - Sony Corporation CXL5005M Datasheet HTML 6Page - Sony Corporation CXL5005M Datasheet HTML 7Page - Sony Corporation CXL5005M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMOS-CCD 1H Delay Line for NTSC with PLL
Description
The CXL5005M/P are general-purpose CCD delay
line ICs which provide 1H delay time of NTSC.
Features
• Low power consumption 90mW (Typ.)
• Small size package (14-pin SOP, DIP)
• Low differential gain DG = 3% (Typ.)
• Input signal ampiitude 180 IRE (= 1.28Vp-p, max.)
• Low input clock amplitude operation 200mVp-p (Min.)
• Built-in triple PLL circuit
• Built-in peripheral circuits (clock driver, timing
generator, auto-bias and output circuits)
Functions
• 680-bit CCD register
• Clock drivers
• Autobias circuit
• Sync tip clamp circuit
• Sample-and-hold circuit
• PLL (triple)
Structure
CMOS-CCD
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VDD
11
V
• Supply voltage
VCL
6V
• Operating temperature
Topr –10 to +60
°C
• Storage temperature
Tstg –55 to +150 °C
• Allowable power dissipation
PD
CXL5005M 400 mW
CXL5005P
800 mW
Recommended Operating Conditions
Supply voltage
VDD
9 ± 5%
V
VCL
5 ± 5%
V
Recommended Clock Conditions
• Input clock amplitude
VCLK
200mVp-p to 1.0Vp-p
(300mVp-p typ.)
• Clock frequency
fCLK
3.579545MHz
– 1 –
E88Z40A79-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXL5005M/P
CXL5005M
14 pin SOP (Plastic)
CXL5005P
14 pin DIP (Plastic)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXL5507MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5509MCMOS-CCD 1H/2H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5512MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5513MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL1504MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5001MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5002MCMOS-CCD 1/2H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5502MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5504MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5506MCMOS-CCD 1H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn