Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL5005M Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXL5005M
Description  CMOS-CCD 1H Delay Line for NTSC with PLL
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5005M Datasheet(HTML) 6 Page - Sony Corporation

  CXL5005M Datasheet HTML 1Page - Sony Corporation CXL5005M Datasheet HTML 2Page - Sony Corporation CXL5005M Datasheet HTML 3Page - Sony Corporation CXL5005M Datasheet HTML 4Page - Sony Corporation CXL5005M Datasheet HTML 5Page - Sony Corporation CXL5005M Datasheet HTML 6Page - Sony Corporation CXL5005M Datasheet HTML 7Page - Sony Corporation CXL5005M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
– 6 –
CXL5005M/P
Application Circuit
CLK
fCLK = 3.58MHz
VCLK = 300mVp-p
sine wave
5600
0.01µF
9V
5V
0.1µF
CXL5005M/P
11
12
13
14
4
2
3
1
5
7
6
8
9
10
56k
0.1µF
0.1µF
Composite video signal input
0.1µF
1M
L. P. F
1H delay signal output
2SA1175
Delay time
140ns
9V
5V
7
5.6k
+9V
2SC403
3
× fsc
5.6k
Example of
Pin 7 (VCO output) usage
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
0
–1
–2
–3
–20
0
20
40
60
–4
Input = 300mVp-p
3.58MHz, sine wave
0
–1
–2
–3
4.7
5.0
5.3
–4
Input = 300mVp-p
3.58MHz, sine wave
0
–1
–2
–3
8.5
9.0
9.5
–4
Input = 300mVp-p
3.58MHz, sine wave
1
0
–1
–2
0
60
–3
–20
20
40
Input = 1.28Vp-p
250kHz, sine wave
Frequency response vs. Ambient temperature
Ta – Ambient temperature [°C]
VCL – Supply voltage [V]
Frequency response vs. Supply voltage
VDD – Supply voltage [V]
Frequency response vs. Supply voltage
Ta – Ambient temperature [°C]
Insertion gain vs. Ambient temperature
Example of Representative Characteristics


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXL5507MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5509MCMOS-CCD 1H/2H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5512MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5513MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL1504MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5001MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5002MCMOS-CCD 1/2H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5502MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5504MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5506MCMOS-CCD 1H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn