Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL5005M Datasheet(PDF) 5 Page - Sony Corporation

Part No. CXL5005M
Description  CMOS-CCD 1H Delay Line for NTSC with PLL
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5005M Datasheet(HTML) 5 Page - Sony Corporation

  CXL5005M Datasheet HTML 1Page - Sony Corporation CXL5005M Datasheet HTML 2Page - Sony Corporation CXL5005M Datasheet HTML 3Page - Sony Corporation CXL5005M Datasheet HTML 4Page - Sony Corporation CXL5005M Datasheet HTML 5Page - Sony Corporation CXL5005M Datasheet HTML 6Page - Sony Corporation CXL5005M Datasheet HTML 7Page - Sony Corporation CXL5005M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
– 5 –
CXL5005M/P
Note 1) Frequency response test condition
V3.58MHz (Output signal voltage [Vp-p] at 3.58MHz input)
V250kHz (Output signal voltage [Vp-p] at 250kHz input)
Set Pin 14 (IN) voltage [V] = VIN-DC + 640mV.
3.58MHz, 300mVp-p sine wave
250kHz, 300mVp-p sine wave
640mV (adjust with VBIAS)
VIN-DC
[V]
Note 2) Differential gain and differential phase test condition
1H 63.5µs
40 IRE
140 IRE (1.0Vp-p)
Chroma 40 IRE
5-staircase wave signal
DG and DP are measured at output S point by vector scope.
Note 3) LPF frequency response
0
5.8
10.7
–50
–3
0
[dB]
Frequency [MHz]
(Delay time
140ns)
Note 4) BPF frequency response
0
4.1M 10.7M
–50
–3
0
[dB]
200
50
Frequency [Hz]


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXL5507MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5509MCMOS-CCD 1H/2H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5512MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5513MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL1504MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5001MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5002MCMOS-CCD 1/2H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5502MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5504MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5506MCMOS-CCD 1H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn