Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD06HVF1 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RD06HVF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD06HVF1 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RD06HVF1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD06HVF1
RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
Publication Date : Oct.2011
6
INPUT/OUTPUT IMPEDANCE VS.FREQUENCY CHARACTERISTICS
Zin , Zout
f
Zin
Zout
(MHz)
(ohm)
(ohm)
Conditions
175
4.25-j25.6
5.64-j1.05
Po=10W, Vdd=12.5V,Pin=0.3W
f=175MH Zo
f=135MHz Zo
f=175MHz Zout*
f=175MHz Zin*
Zo=50ohm


Similar Part No. - RD06HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD06HVF1-101 MITSUBISHI-RD06HVF1-101 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
RD06HVF1 MITSUBISHI-RD06HVF1_08 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
More results

Similar Description - RD06HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD12MVS1 MITSUBISHI-RD12MVS1_11 Datasheet
591Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
470Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_11 Datasheet
335Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVP1 MITSUBISHI-RD12MVP1_10 Datasheet
142Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com