Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL5003M Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXL5003M
Description  CMOS-CCD 1H Delay Line for PAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5003M Datasheet(HTML) 6 Page - Sony Corporation

  CXL5003M Datasheet HTML 1Page - Sony Corporation CXL5003M Datasheet HTML 2Page - Sony Corporation CXL5003M Datasheet HTML 3Page - Sony Corporation CXL5003M Datasheet HTML 4Page - Sony Corporation CXL5003M Datasheet HTML 5Page - Sony Corporation CXL5003M Datasheet HTML 6Page - Sony Corporation CXL5003M Datasheet HTML 7Page - Sony Corporation CXL5003M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
– 6 –
CXL5003M/P
Application Circuit
L. P. F
CXL5003M/P
5V
0.01µF
CLK
fCLK = 13.3MHz
VCLK = 250mVp-p sine wave
0.01µF
0.1µF
Composite video signal input
0.1µF
1M
9V
5.1k
5
6
7
8
4
2
1H delay signal output
3
1
9V
0.01µF
47µF
0.01µF
47µF
2SA1175
Delay time
170ns
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
0
–1
–2
–3
Frequency response vs. Ambient temperature
–20
Ta – Ambient temperature [°C]
0
20
40
60
–4
Input = 300mVp-p
4.43MHz, sine wave
0
–1
–2
–3
VCL – Supply voltage [V]
4.7
5.0
5.3
–4
Frequency response vs. Supply voltage
Input = 300mVp-p
4.43MHz, sine wave
0
–1
–2
–3
8.5
9.0
9.5
–4
VDD – Supply voltage [V]
Frequency response vs. Supply voltage
Input = 300mVp-p
4.43MHz, sine wave
Ta – Ambient temperature [°C]
1
0
–1
–2
0
60
–3
–20
20
40
Input = 1.28Vp-p
250kHz, sine wave
Insertion gain vs. Ambient temperature


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXL5506M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5508M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5514M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL1506M CMOS-CCD 1H/2H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5515M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5505M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5507M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL1511M CCD Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5509M CMOS-CCD 1H/2H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5512M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn