Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXL5001P Datasheet(PDF) 7 Page - Sony Corporation

Part # CXL5001P
Description  CMOS-CCD 1H Delay Line for NTSC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5001P Datasheet(HTML) 7 Page - Sony Corporation

  CXL5001P Datasheet HTML 1Page - Sony Corporation CXL5001P Datasheet HTML 2Page - Sony Corporation CXL5001P Datasheet HTML 3Page - Sony Corporation CXL5001P Datasheet HTML 4Page - Sony Corporation CXL5001P Datasheet HTML 5Page - Sony Corporation CXL5001P Datasheet HTML 6Page - Sony Corporation CXL5001P Datasheet HTML 7Page - Sony Corporation CXL5001P Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
– 7 –
CXL5001M/P
1
0
–1
–2
Insertion gain vs. Supply voltage
VCL – Supply voltage [V]
4.7
5.0
5.3
–3
Input = 1.28Vp-p
250kHz, sine wave
0
–1
–2
–3
Insertion gain vs. Supply voltage
VDD – Supply voltage [V]
8.5
9.0
9.5
Input = 1.28Vp-p
250kHz, sine wave
1
4
3
2
1
Differential gain vs. Ambient temperature
–20
Ta – Ambient temperature [°C]
20
60
0
0
40
Differential gain vs. Supply voltage
VCL – Supply voltage [V]
4.7
5.3
5.0
4
3
2
1
0
Differential gain vs. Supply voltage
VDD – Supply voltage [V]
8.5
9.5
9.0
4
3
2
1
0
Frequency response
0
–2
–3
–4
10k
100k
1M
Frequency [Hz]
–1


Similar Part No. - CXL5001P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5002M SONY-CXL5002M Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5002P SONY-CXL5002P Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5003 SONY-CXL5003 Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
CXL5003M SONY-CXL5003M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
CXL5003P SONY-CXL5003P Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
More results

Similar Description - CXL5001P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC with PLL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com