Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD00HVS1 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RD00HVS1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD00HVS1 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RD00HVS1_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD00HVS1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD00HVS1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD00HVS1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD00HVS1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD00HVS1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD00HVS1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD00HVS1
RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
Publication Date : Oct.2011
3
TYPICAL CHARACTERISTICS
Pin-Po CHARACTERISTICS
0
5
10
15
20
25
30
35
-15 -10
-5
0
5
10
15
Pin(dBm)
30
40
50
60
70
80
90
100
Ta=+25°C
f=175MHz
Vdd=12.5V
Idq=50mA
Po
ηd
Gp
Pin-Po CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
Pin(mW)
0
20
40
60
80
100
120
Po
ηd
Idd
Ta=25°C
f=175MHz
Vdd=12.5V
Idq=50mA
Vdd-Po CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
4
6
8
10
12
14
Vdd(V)
0
40
80
120
160
200
240
280
Po
Idd
Ta=25°C
f=175MHz
Pin=5mW
Idq=50mA
Zg=ZI=50 ohm
Pin-Po CHARACTERISTICS
0
5
10
15
20
25
30
35
-15 -10
-5
0
5
10
15
Pin(dBm)
30
40
50
60
70
80
90
100
Ta=+25°C
f=520MHz
Vdd=12.5V
Idq=50mA
Po
ηd
Gp
Pin-Po CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
Pin(mW)
0
20
40
60
80
100
120
140
Po
ηd
Idd
Ta=25°C
f=520MHz
Vdd=12.5V
Idq=50mA
Vdd-Po CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
4
6
8
10
12
14
Vdd(V)
0
40
80
120
160
200
240
280
320
Po
Idd
Ta=25°C
f=520MHz
Pin=15mW
Idq=50mA
Zg=ZI=50 ohm


Similar Part No. - RD00HVS1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
logo
Quanzhou Jinmei Electro...
RD00HVS1 JMNIC-RD00HVS1_15 Datasheet
177Kb / 6P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD00HVS1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVS1 MITSUBISHI-RD12MVS1_11 Datasheet
591Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
470Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD06HVF1 MITSUBISHI-RD06HVF1_11 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVP1 MITSUBISHI-RD12MVP1_10 Datasheet
142Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com