Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA60H3847M1-101 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA60H3847M1-101
Description  RoHS Compliance, 378-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA60H3847M1-101 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA60H3847M1-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA60H3847M1-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA60H3847M1-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA60H3847M1-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA60H3847M1-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA60H3847M1-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA60H3847M1-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA60H3847M1-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA60H3847M1-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
<
Silicon RF Power Modules >
RA60H3847M1
RoHS Compliance, 378-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Publication Date :Apr.2011
2
MAXIMUM RATINGS (Tcase=+25°C, ZG=ZL=50, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<5V, Pin=0W
17
V
VGG
Gate Voltage
VDD<12.5V, Pin=50mW
6
V
Pin
Input Power
100
mW
Pout
Output Power
80
W
Tcase(OP) Operation Case Temperature Range
f=378-470MHz,
VGG≦5V
-30 to +100
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
F
Frequency Range
378
-
470
MHz
Pout
Output Power
VDD=12.5V
60
-
-
W
T
Total Efficiency
VGG=5V
40
-
-
%
2fo
2
nd Harmonic
Pin=50mW
-
-
-35
dBc
3fo
3
rd Harmonic
-
-
-40
dBc
in
Input VSWR
-
-
3:1
IGG
Gate Current
VDD=0V, VGG=5V, Pin=0W
-
5
6
mA
IDD
Leakage Current
VDD=17V, VGG=0V, Pin=0W
-
-
1
mA
Stability
VDD=10.0-15.2V, Pin=25-70mW,
5<Pout <65W (VGG control), Load VSWR=3:1
No parasitic oscillation
more than -65dBc
Load VSWR Tolerance
VDD=15.2V, Pin=50mW,
Pout=60W (VGG control), Load VSWR=20:1
No degradation or
destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Similar Part No. - RA60H3847M1-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H1317M MITSUBISHI-RA60H1317M Datasheet
58Kb / 9P
   135-175MHz 60W 12.5V MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M Datasheet
231Kb / 8P
   RoHS Compliance ,135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M Datasheet
89Kb / 9P
   135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M Datasheet
245Kb / 9P
   RoHS Compliance , 135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M-01 MITSUBISHI-RA60H1317M-01 Datasheet
58Kb / 9P
   135-175MHz 60W 12.5V MOBILE RADIO
More results

Similar Description - RA60H3847M1-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_06 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_11 Datasheet
243Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1 Datasheet
169Kb / 9P
   RoHS Compliance, 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M1A MITSUBISHI-RA60H1317M1A Datasheet
215Kb / 9P
   RoHS Compliance ,136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_06 Datasheet
258Kb / 8P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_11 Datasheet
262Kb / 9P
   RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com