Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXL1518N Datasheet(PDF) 6 Page - Sony Corporation

Part # CXL1518N
Description  CMOS-CCD Signal Processor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1518N Datasheet(HTML) 6 Page - Sony Corporation

  CXL1518N Datasheet HTML 1Page - Sony Corporation CXL1518N Datasheet HTML 2Page - Sony Corporation CXL1518N Datasheet HTML 3Page - Sony Corporation CXL1518N Datasheet HTML 4Page - Sony Corporation CXL1518N Datasheet HTML 5Page - Sony Corporation CXL1518N Datasheet HTML 6Page - Sony Corporation CXL1518N Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
– 6 –
CXL1517N/1518N
10k 10k
10k
a
a
a
b
b
b
SW4
SW5
SW6
No signal (GND)
100kHz, 100mVp-p sine wave
1MHz, 100mVp-p sine wave
a
b
c
SW1
E1
V4
V5
V2
A1
V1
VDD
3.3k
×1
×1
L.P.F
V6
b
a
c
SW3
16V
a
b
VDD
16V
16V
16V
XDL
1
SW2
V3
16V
XDL
2
3.3k
3.3k
VDD
VDD
2
3
4
5
6
9
10
11
12
1
8
7
13
14
15
16
18
19
20
17
21
22
23
24
(NC)
(NC)
(NC)
VDD
3.3k
3.3k
3.3k
16V
16V
16V
16V
XDL
1
16V
XDL
2
VDD
VDD
Output A
Output B
Output C
0.1µ
16V
100p
4.7µ
16V
VDD
Input A
4.7µ
16V
100p
CLP
input
VDD
Input
C
VDD
4.7µ
16V
100p
0.1µ
16V
Input
B
11
12
13
14
15
16
18
19
20
17
3
4
5
6
10
1
8
9
7
2
0.1µ
16V
21
22
23
24
(NC)
(NC)
(NC)
Electrical Characteristics Test Circuit
Application Circuit
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.


Similar Part No. - CXL1518N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1518M SONY-CXL1518M Datasheet
97Kb / 7P
   CMOS-CCD Signal Processor
More results

Similar Description - CXL1518N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
   CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
   CMOS-CCD Signal Processor
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
   CMOS-CCD Signal Processor
CXL1517M SONY-CXL1517M Datasheet
97Kb / 7P
   CMOS-CCD Signal Processor
CXL1009P SONY-CXL1009P Datasheet
216Kb / 9P
   CMOS-CCD SIGNAL PROCESSOR FOR TBC
logo
Analog Devices
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
   CCD Signal Processor
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
   CCD Signal Processor
logo
Sony Corporation
CXL1008M SONY-CXL1008M Datasheet
274Kb / 13P
   CMOS-CCD Signal Processor for Skew Compensation
logo
Holtek Semiconductor In...
HT82V863R HOLTEK-HT82V863R Datasheet
2Mb / 17P
   CCD Digital Signal Processor
logo
Analog Devices
ADDI9020 AD-ADDI9020_15 Datasheet
75Kb / 2P
   60 MHz CCD Signal Processor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com