Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1103-50 Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

Part # TS1103-50
Description  A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1103-50 Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS1103-50 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1103-50 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1103-50 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1103-50 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1103-50 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1103-50 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1103-50 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1103-50 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1103-50 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS1103
TS1103DS r1p0
Page 7
RTFDS
PIN FUNCTIONS
PIN
LABEL
FUNCTION
1
GND
Ground. Connect this pin to analog ground.
2
SIGN
Comparator Output, push-pull; SIGN is HIGH for (VRS+ > VRS-) and LOW for (VRS- > VRS+).
3
OUT
Output Voltage. VOUT is proportional to VSENSE = (VRS+ - VRS-) or (VRS- - VRS+).
4
RS-
External Sense Resistor Load-Side Connection
5
VDD
S
Comparator External Power Supply Pin; Connect this pin to system’s logic VDD supply.
6
RS+
External Sense Resistor Power-Side Connection
BLOCK DIAGRAM
DESCRIPTION OF OPERATION
The internal configuration of the TS1103
– a
bidirectional high-side, current-sense amplifier
– is a
variation of the TS1100 uni-directional current-sense
amplifier. In the design of the TS1103, the input
amplifier
was
reconfigured
for
fully
differential
input/output operation and a second low-threshold p-
channel FET (M2) was added where the drain
terminal of
M2
is
also
connected
to
ROUT.
Therefore, the behavior of the TS1103 for when
VRS- > VRS+ is identical for when VRS+ > VRS-.
Referring to the typical application circuit on Page 1,
the inputs of the TS1103
’s differential input/output
amplifier are connected across an external RSENSE
resistor that is used to measure current. At the non-
inverting input of the TS1103 (the RS- terminal), the
applied voltage is ILOAD x RSENSE. Since the RS-
terminal is the non-inverting input of the internal op
amp, op amp feedback action forces the inverting
input of the internal op amp to the same potential
(ILOAD x RSENSE). Therefore, the voltage drop
across RSENSE (VSENSE = VRS+ - VRS-) and the
voltage drop across RGAINA (at the RS+ terminal)
are equal. Necessary for gain ratio match, both
RGAINA and RGAINB are the same value.
Since p-channel
M1’s source is connected to the
inverting input of the internal op amp and since the
voltage drop across RGAINA is the same as the


Similar Part No. - TS1103-50

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1103-50-EG6 SILABS-TS1103-50-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1103-50-EG6T SILABS-TS1103-50-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - TS1103-50

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT1999-10 LINER-LT1999-10 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com