Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA45H7687M1 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA45H7687M1
Description  RoHS Compliance, 763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA45H7687M1 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA45H7687M1_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA45H7687M1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA45H7687M1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA45H7687M1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA45H7687M1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA45H7687M1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA45H7687M1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA45H7687M1_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA45H7687M1_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
< Silicon RF Power Modules >
RA45H7687M1
RoHS Compliance, 763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
Publication Date : Oct.2011
2
MAXIMUM RATINGS (Tcase=+25°C, ZG=ZL=50, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG1=3.4V ± 7%, VGG2<5V, Pin=0W
17
V
VGG1
Gate Voltage 1
VGG2<5V, VDD<12.8V, Pin=50mW
4.5
V
VGG2
Gate Voltage 2
VGG1=3.4V ± 7%, VDD<12.8V, Pin=50mW
6
V
Pin
Input Power
100
mW
Pout
Output Power
60
W
Tcase(OP)
Operation Case Temperature Range
f=763-870MHz,
VGG1=3.4V ± 7%, VGG2<5V
-30 to +100
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
F
Frequency Range
763
-
870
MHz
Pout1
Output Power 1
VDD=12.8V, VGG1=3.4V, VGG2=5V, Pin=50mW
45
-
-
W
T
Total Efficiency
VDD=12.8V
33
-
-
%
2fo
2
nd Harmonic
VGG1=3.4V
-
-
-40
dBc
3fo
3
nd Harmonic
VGG2=5V
-
-
-35
dBc
in
Input VSWR
Pin=50mW
-
-
3:1
IDD
Leakage Current
VDD=17V, VGG1=VGG2=0V, Pin=0W
-
-
1
mA
Pout2
Output Power 2*
VDD=15.2V, VGG1=3.4V, VGG2=1V, Pin=2dBm
-
-
1.5
W
Stability
VDD=10.0-15.2V, Pin=1-100mW,
1.5<Pout <50W (VGG2 control, VGG1=3.4V),
Load VSWR=3:1
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=50mW,
Pout=45W (VGG2 control, VGG1=3.4V),
Load VSWR=20:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.
*: This is guaranteed as design value.


Similar Part No. - RA45H7687M1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H7687M1-101 MITSUBISHI-RA45H7687M1-101 Datasheet
168Kb / 9P
   RoHS Compliance, 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1-101 MITSUBISHI-RA45H7687M1-101 Datasheet
173Kb / 9P
   RF MOSFET MODULE 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1-101 MITSUBISHI-RA45H7687M1-101 Datasheet
170Kb / 10P
   763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1_10 Datasheet
170Kb / 10P
   763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA45H7687M1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H7687M1 MITSUBISHI-RA45H7687M1_10 Datasheet
170Kb / 10P
   763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1 Datasheet
168Kb / 9P
   RoHS Compliance, 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1_11 Datasheet
263Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1 Datasheet
178Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1_08 Datasheet
173Kb / 9P
   RF MOSFET MODULE 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1_10 Datasheet
181Kb / 9P
   896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_11 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_11 Datasheet
178Kb / 9P
   RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_06 Datasheet
247Kb / 8P
   RoHS Compliance, 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com