Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1102-200 Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

Part # TS1102-200
Description  A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1102-200 Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS1102-200 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS1102
TS1102DS r1p0
Page 7
RTFDS
PIN FUNCTIONS
PIN
LABEL
FUNCTION
SOT23
5
RS+
External Sense Resistor Power-Side Connection
4
RS-
External Sense Resistor Load-Side Connection
1, 2
GND
Ground. Connect these pins to analog ground.
3
OUT
Output Voltage. VOUT is proportional to VSENSE = VRS+ - VRS-
BLOCK DIAGRAM
DESCRIPTION OF OPERATION
The internal configuration of the TS1102
– a
unidirectional high-side, current-sense amplifier - is
based on a commonly-used operational amplifier (op
amp) circuit for measuring load currents (in one
direction) in the presence of high-common-mode
voltages. In the general case, a current-sense
amplifier monitors the voltage caused by a load
current through an external sense resistor and
generates an output voltage as a function of that load
current. Referring to the typical application circuit on
Page 1, the inputs of the op-amp-based circuit are
connected across an external RSENSE resistor that
is used to measure load current. At the non-inverting
input of the TS1102 (the RS+ terminal), the applied
voltage is ILOAD x RSENSE. Since the RS- terminal is
the non-inverting input of the internal op amp, op-amp
feedback action forces the inverting input of the
internal
op
amp
to
the
same
potential
(ILOAD x RSENSE). Therefore, the voltage drop across
RSENSE (VSENSE) and the voltage drop across RGAIN
(at the RS+ terminal) are equal. To minimize any
additional error because of op-amp input bias current
mismatch, both RGAINs are the same value.
Since
the
internal
p-
channel FET’s source is
connected to the inverting input of the internal op
amp and since the voltage drop across RGAIN is the
same as the external VSENSE, op amp feedback action
drives the gate of the FET such that the FET’s drain-
source current is equal to:
S
VSE SE
R A


Similar Part No. - TS1102-200

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1102-200-EG6 SILABS-TS1102-200-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1102-200-EG6T SILABS-TS1102-200-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1102-200EG5 SILABS-TS1102-200EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1102-200

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
[Old version datasheet]   MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com