Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXL1518M Datasheet(PDF) 2 Page - Sony Corporation

Part # CXL1518M
Description  CMOS-CCD Signal Processor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1518M Datasheet(HTML) 2 Page - Sony Corporation

  CXL1518M Datasheet HTML 1Page - Sony Corporation CXL1518M Datasheet HTML 2Page - Sony Corporation CXL1518M Datasheet HTML 3Page - Sony Corporation CXL1518M Datasheet HTML 4Page - Sony Corporation CXL1518M Datasheet HTML 5Page - Sony Corporation CXL1518M Datasheet HTML 6Page - Sony Corporation CXL1518M Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
– 2 –
CXL1517M/1518M
Block Diagram and Pin Configuration (Top View)
4
8
10
12
14
16
17
1
ABCN
IN-B
IN-A
ABBL
A.B.
BLACK
CDS OUTPUT
CIRCUIT
CLP
DL
CDS OUTPUT
CIRCUIT
CLP
CDS OUTPUT
CIRCUIT
CLP
CLP PULSE
GEN.
OVERFLOW
PREVENTION
CIRCUIT
POTENTIAL
CONTROL
CDS
TIMING GENERATOR
9
11
13
15
OUT-C
OUT-A
OUT-B
7
2
6
IN-C
3
18
PG. GEN.
PG. GEN.
PG. GEN.
PRECHARGE
DRAIN
DRIVER
20
A.B.
CENTER
A
(n bit)
DL
B
(n bit)
DL
C
(n + 1 bit)
5
19
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
VSS
IN-B
ABBL
VDD
IN-C
CLP
VDD
OUT-C
VGG
IN-A
ABCN
VDD
XDL1
XDL2
VSS
VSS
OUT-A
CDS
ABOVF
OUT-B


Similar Part No. - CXL1518M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1518N SONY-CXL1518N Datasheet
101Kb / 7P
   CMOS-CCD Signal Processor
More results

Similar Description - CXL1518M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
   CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
   CMOS-CCD Signal Processor
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
   CMOS-CCD Signal Processor
CXL1517N SONY-CXL1517N Datasheet
101Kb / 7P
   CMOS-CCD Signal Processor
CXL1009P SONY-CXL1009P Datasheet
216Kb / 9P
   CMOS-CCD SIGNAL PROCESSOR FOR TBC
logo
Analog Devices
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
   CCD Signal Processor
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
   CCD Signal Processor
logo
Sony Corporation
CXL1008M SONY-CXL1008M Datasheet
274Kb / 13P
   CMOS-CCD Signal Processor for Skew Compensation
logo
Holtek Semiconductor In...
HT82V863R HOLTEK-HT82V863R Datasheet
2Mb / 17P
   CCD Digital Signal Processor
logo
Analog Devices
ADDI9020 AD-ADDI9020_15 Datasheet
75Kb / 2P
   60 MHz CCD Signal Processor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com