Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA45H4045MR Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RA45H4045MR
Description  RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA45H4045MR Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RA45H4045MR_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA45H4045MR_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA45H4045MR_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA45H4045MR_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA45H4045MR_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA45H4045MR_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA45H4045MR_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA45H4045MR_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA45H4045MR_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
< Silicon RF Power Modules >
RA45H4045MR
RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
Publication Date : Oct.2011
6
1
RF Input (Pin)
2
Gate Voltage (VGG)
3
Drain Voltage (VDD)
4
RF Output (Pout)
5
RF Ground (Case)
TEST BLOCK DIAGRAM
EQUIVALENT CIRCUIT
EQUIVALENT CIRCUIT
C1, C2: 4700pF, 22uF in parallel
Attenuator
Power
Meter
Spectrum
Analyzer
Pre-
amplifier
Power
Meter
DUT
5
1
2
3
4
ZL=50
ZG=50
C2
C1
-
+
DC Power
Supply VDD
+
-
DC Power
Supply VGG
Attenuator
Directional
Coupler
1
5
2
3
4
Directional
Coupler
Attenuator
Signal
Generator


Similar Part No. - RA45H4045MR_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H4045MR-101 MITSUBISHI-RA45H4045MR-101 Datasheet
244Kb / 8P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR-101 MITSUBISHI-RA45H4045MR-101 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_10 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA45H4045MR_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H4045MR MITSUBISHI-RA45H4045MR Datasheet
244Kb / 8P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_10 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_06 Datasheet
247Kb / 8P
   RoHS Compliance, 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_11 Datasheet
256Kb / 9P
   RoHS Compliance , 440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_06 Datasheet
246Kb / 8P
   RoHS Compliance , 440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_10 Datasheet
101Kb / 9P
   400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_11 Datasheet
184Kb / 9P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_06 Datasheet
258Kb / 8P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com