Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA30H3340M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA30H3340M
Description  RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H3340M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA30H3340M_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H3340M_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H3340M_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H3340M_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H3340M_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H3340M_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H3340M_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H3340M_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
<Silicon RF Power Modules >
RA30H3340M
RoHS Compliance ,
330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
Publication Date : Jul.2011
4
OUTLINE DRAWING (mm)
12.0 ±1
16.5 ±1
43.5 ±1
55.5 ±1
66.0 ±0.5
60.0 ±0.5
51.5 ±0.5
3.0 ±0.3
7.25 ±0.8
2-R2 ±0.5
Ø0.45 ±0.15
5
1
2
3
4
(50.4)
1
RF Input (Pin)
2
Gate Voltage (VGG)
3
Drain Voltage (VDD)
4
RF Output (Pout)
5
RF Ground (Case)


Similar Part No. - RA30H3340M_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
157Kb / 7P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
134Kb / 8P
   330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
205Kb / 8P
   Broadband Frequency Range
RA30H3340M MITSUBISHI-RA30H3340M_10 Datasheet
134Kb / 8P
   330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA30H3340M_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H3340M MITSUBISHI-RA30H3340M_06 Datasheet
157Kb / 7P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M_11 Datasheet
254Kb / 9P
   RoHS Compliance , 330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_10 Datasheet
134Kb / 8P
   330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_06 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M_10 Datasheet
98Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_11 Datasheet
184Kb / 9P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_06 Datasheet
258Kb / 8P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M Datasheet
88Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com