Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA30H1317M1-201 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RA30H1317M1-201
Description  RoHS Compliance, 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H1317M1-201 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button RA30H1317M1-201 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H1317M1-201 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H1317M1-201 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H1317M1-201 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H1317M1-201 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H1317M1-201 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H1317M1-201 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H1317M1-201 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RA30H1317M1-201 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
< Silicon RF Power Modules >
RA30H1317M1
RoHS Compliance, 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
Publication Date : Oct.2011
7
1
RF Input (Pin)
2
Gate Voltage (VGG)
3
Drain Voltage (VDD)
4
RF Output (Pout)
5
RF Ground (Case)
C1, C2: 4700pF, 22uF in parallel
Directional
Coupler
Attenuator
Power
Meter
Spectrum
Analyzer
Signal
Generator
Attenuator
Pre-
amplifier
Power
Meter
Directional
Coupler
DUT
5
4
3
2
1
ZG=50
ZL=50
C1
C2
-
+
DC Power
Supply VGG
+
-
DC Power
Supply VDD
TEST BLOCK DIAGRAM
Attenuator
1
2
3
4
5
EQUIVALENT CIRCUIT


Similar Part No. - RA30H1317M1-201

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H1317M1-201 MITSUBISHI-RA30H1317M1-201 Datasheet
157Kb / 10P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA30H1317M1-201

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H1317M MITSUBISHI-RA30H1317M_11 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_06 Datasheet
225Kb / 8P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_10 Datasheet
92Kb / 9P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_11 Datasheet
185Kb / 9P
   RoHS Compliance , 135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_10 Datasheet
157Kb / 10P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_06 Datasheet
238Kb / 8P
   RoHS Compliance , 135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_11 Datasheet
245Kb / 9P
   RoHS Compliance , 135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_06 Datasheet
231Kb / 8P
   RoHS Compliance ,135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA08H1317M MITSUBISHI-RA08H1317M_06 Datasheet
230Kb / 8P
   RoHS Compliance , 135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1 Datasheet
108Kb / 8P
   RF MOSFET MODULE 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com