Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL1512M Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXL1512M
Description  CCD Delay Line for NTSC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1512M Datasheet(HTML) 1 Page - Sony Corporation

  CXL1512M Datasheet HTML 1Page - Sony Corporation CXL1512M Datasheet HTML 2Page - Sony Corporation CXL1512M Datasheet HTML 3Page - Sony Corporation CXL1512M Datasheet HTML 4Page - Sony Corporation CXL1512M Datasheet HTML 5Page - Sony Corporation CXL1512M Datasheet HTML 6Page - Sony Corporation CXL1512M Datasheet HTML 7Page - Sony Corporation CXL1512M Datasheet HTML 8Page - Sony Corporation CXL1512M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
The CXL1512M is an IC developed for use in
conjunction with Y/C signal processing ICs for NTSC.
This CCD delay line provides the comb filter output
for eliminating the chrominance signal cross talk and
1H delay output for luminance signals.
Features
• Single power supply (5V)
• Built-in quadruple progression PLL circuit
• Built-in comb filter
• 1H delay output
• Built-in peripheral circuits
• Positive phase signal input, positive phase signal output
Functions
• Comb filter output
• 1H delay output for luminance signal
• Clock driver
• Autobias circuit
• Input clamp circuit (for luminance signals)
• Center bias circuit (for chrominance signals)
• Sample-and-hold circuit
• Quadruple progression PLL circuit
• Clock buffer output circuit
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VDD
+6
V
• Operating temperature
Topr
–10 to +60
°C
• Storage temperature
Tstg –55 to +150
°C
• Allowable power dissipation PD
500
mW
Recommended Operating Voltage (Ta = 25°C)
VDD
5V ± 5%
Structure
CMOS-CCD
– 1 –
CXL1512M
E94803-ST
CCD Delay Line for NTSC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
24 pin SOP (Plastic)
For the availability of this product, please contact the sales office.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXL5001M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5002M CMOS-CCD 1/2H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5005M CMOS-CCD 1H Delay Line for NTSC with PLL 1  2  3  4  5  More Sony Corporation
CXL5502M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5504M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
LC8991 NTSC CCD 1H Delay Line 1  2  3  4  Sanyo Semicon Device
CXL1510M CCD Delay Line for Multi System 1  2  3  4  5  More Sony Corporation
CXL1511M CCD Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5507M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5509M CMOS-CCD 1H/2H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn