Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL1512M Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXL1512M
Description  CCD Delay Line for NTSC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1512M Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXL1512M Datasheet HTML 2Page - Sony Corporation CXL1512M Datasheet HTML 3Page - Sony Corporation CXL1512M Datasheet HTML 4Page - Sony Corporation CXL1512M Datasheet HTML 5Page - Sony Corporation CXL1512M Datasheet HTML 6Page - Sony Corporation CXL1512M Datasheet HTML 7Page - Sony Corporation CXL1512M Datasheet HTML 8Page - Sony Corporation CXL1512M Datasheet HTML 9Page - Sony Corporation CXL1512M Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
– 6 –
CXL1512M
Note
1. This is the IC's supply current value when no signals are input.
2. This is the C-OUT and Y-OUT pin output gain when 500 mVp-p sine waves are input to C-IN1, C-IN2 and
Y-IN.
(Example of calculation)
GLC = 20 log
[dB]
Input signal frequency
GLC
: 204.545kHz
GLY
: 200kHz
3. This indicates the difference in the C-OUT and Y-OUT pin output gain when 200mVp-p low- and high-
frequency sine waves are input to C-IN1, C-IN2 and Y-IN. Set the input bias (Vbias) to 2.0V when
measuring the luminance signal characteristics (GLY, GHY).
(Example of calculation)
FC = 20 log
[dB]
Input signal frequency (low frequency)
→ see Note 2
Input signal frequency (high frequency)
Chrominance signal
: 3.571678MHz
Luminance signal
: 3.58MHz
4. Calculate with the gain applying when 200mVp-p and 500mVp-p sine waves (see Note 2 for the
frequencies) are input to C-IN1 and C-IN2.
(Example of calculation)
LIC = 20 log
[dB]
C-OUT pin output voltage (mVp-p)
500 (mVp-p)
Output voltage with 500mVp-p input (mVp-p)
500mVp-p
Output voltage with 200mVp-p input (mVp-p)
200mVp-p
C-OUT pin output voltage (high frequency) (mVp-p)
C-OUT pin output voltage (low frequency) (mVp-p)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXL5001M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5002M CMOS-CCD 1/2H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5005M CMOS-CCD 1H Delay Line for NTSC with PLL 1  2  3  4  5  More Sony Corporation
CXL5502M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5504M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
LC8991 NTSC CCD 1H Delay Line 1  2  3  4  Sanyo Semicon Device
CXL1510M CCD Delay Line for Multi System 1  2  3  4  5  More Sony Corporation
CXL1511M CCD Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5507M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5509M CMOS-CCD 1H/2H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn