Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL1512M Datasheet(PDF) 5 Page - Sony Corporation

Part No. CXL1512M
Description  CCD Delay Line for NTSC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1512M Datasheet(HTML) 5 Page - Sony Corporation

  CXL1512M Datasheet HTML 1Page - Sony Corporation CXL1512M Datasheet HTML 2Page - Sony Corporation CXL1512M Datasheet HTML 3Page - Sony Corporation CXL1512M Datasheet HTML 4Page - Sony Corporation CXL1512M Datasheet HTML 5Page - Sony Corporation CXL1512M Datasheet HTML 6Page - Sony Corporation CXL1512M Datasheet HTML 7Page - Sony Corporation CXL1512M Datasheet HTML 8Page - Sony Corporation CXL1512M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
– 5 –
CXL1512M
Electrical Characteristics
(Ta = 25°C, VDD = 5V, fCLK = 3.579545MHz, VCLK = 500mVp-p sine wave)
See Electrical Characteristics Measurement Circuit
Item
Symbol
Measurement
condition
SW condition
Min.
Typ.
Max.
Unit
Note
Item
Symbol
Measurement
condition
SW condition
Min.
Typ.
Max.
Unit
Note
Supply current
IDD
1
23456
b
bba — —
35
50
mA
1
Chrominance signal Characteristics (No signals input to Y-IN)
Low frequency
gain
GLC
(See Note 2)
(See Note 3)
(See Note 4)
(See Note 5)
50% white
video signal
(See Note 7)
(See Note 8)
123456
aab — ab
aab — ab
aab — a
b
aab — ab
aab — ad
bbb — ab
abb — aa
–2
02
dB
2
Frequency
response
FC
–2.0
–1.0
0
dB
3
Linearity
LIC
–0.3
0
0.3
dB
4
Comb depth min.
gain
CCD
–40
–25
dB
5
SN ratio
SNC
52
56
dB
6
Coupling level
CPC
10
50
mVrms
7
Delay time
DC
230
ns
8
<Luminance Signal Characteristics> (No signals input to C-IN1, C-IN2)
Low frequency
gain
Frequency
response
Differential gain
Differential phase
Linearity
SN ratio
Coupling level
GLY
FY
DGY
DPY
LNY
SNY
CPY
(See Note 2)
(See Note 3)
5-step
staircase wave
5-step
staircase wave
(See Note 10)
50% white
video signal
(See Note 7)
123456
bba
b
bb
bbabbb
bbaab
c
b
b
aab
c
bbaaba
bba
b
bd
bbbbbb
–2
0
2
dB
2
–2.0
–1.0
0
dB
3
0
35
%
9
0
3
5
deg
9
35
40
43
%10
52
56
dB
6
10
50
mVrms
7
Item
Symbol
Measurement
condition
SW condition
Min.
Typ.
Max.
Unit
Note


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXL5001M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5002M CMOS-CCD 1/2H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5005M CMOS-CCD 1H Delay Line for NTSC with PLL 1  2  3  4  5  More Sony Corporation
CXL5502M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5504M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
LC8991 NTSC CCD 1H Delay Line 1  2  3  4  Sanyo Semicon Device
CXL1510M CCD Delay Line for Multi System 1  2  3  4  5  More Sony Corporation
CXL1511M CCD Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5507M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
CXL5509M CMOS-CCD 1H/2H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn