Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA20H8087M Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA20H8087M
Description  RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA20H8087M Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA20H8087M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Publication Date : Jul.2011
1
<Silicon RF Power Modules >
RA20H8087M
RoHS Compliance,
806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
DESCRIPTION
The RA20H8087M is a 20-watt RF MOSFET Amplifier Module for
12.5-volt mobile radios that operate in the 806- to 870-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate voltage
(VGG=0V), only a small leakage current flows into the drain and the RF
input signal attenuates up to 60 dB. The output power and drain current
increase as the gate voltage increases.
With a gate voltage around
4V (minimum), output power and drain current increases substantially.
The nominal output power becomes available at 4.5V (typical) and 5V
(maximum). At VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may also be
used for linear modulation by setting the drain quiescent current with
the gate voltage and controlling the output power with the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD0
@ VDD=12.5V, VGG=0V)
• Pout>20W, T>25%
@ VDD=12.5V, VGG=5V, Pin=50mW
• Broadband Frequency Range: 806-870MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 66 x 21 x 9.88 mm
• Linear operation is possible by setting the quiescent drain current with
the gate voltage and controlling the output power with the input power
RoHS COMPLIANCE
• RA20H8087M-101
is a RoHS compliant products.
• RoHS compliance is indicate by the letter “G” after the Lot Marking.
• This product include the lead in the Glass of electronic parts and the lead in
electronic Ceramic parts.
However, it is applicable to the following exceptions of RoHS Directions.
1.Lead in the Glass of a cathode-ray tube, electronic parts, and fluorescent
tubes.
2.Lead in electronic Ceramic parts.
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA20H8087M-101
Antistatic tray,
10 modules/tray
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
BLOCK DIAGRAM
2
4
1
5
3
PACKAGE CODE: H2S


Similar Part No. - RA20H8087M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
77Kb / 10P
   806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
110Kb / 10P
   806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M-01 MITSUBISHI-RA20H8087M-01 Datasheet
77Kb / 10P
   806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M-101 MITSUBISHI-RA20H8087M-101 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA20H8087M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_10 Datasheet
110Kb / 10P
   806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
77Kb / 10P
   806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67760LC MITSUBISHI-M67760LC Datasheet
53Kb / 4P
   806-870MHz, 12.5V, 20W, FM MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_11 Datasheet
190Kb / 9P
   RoHS Compliance , 896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA03M8087M MITSUBISHI-RA03M8087M_06 Datasheet
212Kb / 8P
   RoHS Compliance , 806-870MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_06 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_11 Datasheet
194Kb / 9P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_11 Datasheet
262Kb / 9P
   RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_11 Datasheet
245Kb / 9P
   RoHS Compliance , 135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com