Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA13H8891MB-101 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA13H8891MB-101
Description  RoHS Compliance, 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H8891MB-101 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA13H8891MB-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Publication Date : Oct.2011
1
< Silicon RF Power Modules >
RA13H8891MB
RoHS Compliance, 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
DESCRIPTION
The RA13H8891MB is a 13-watt RF MOSFET Amplifier Module for
12.5-volt mobile radios that operate in the 880- to 915-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate voltage
(VGG=0V), only a small leakage current flows into the drain and the
RF input signal attenuates up to 60 dB. The output power and drain
current increase as the gate voltage increases.
With a gate voltage
around 4V (minimum), output power and drain current increases
substantially.
The nominal output power becomes available at 4.5V (typical) and
5V (maximum). At VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may also
be used for linear modulation by setting the drain quiescent current
with the gate voltage and controlling the output power with the input
power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD0
@ VDD=12.5V, VGG=0V)
• Pout>13W, T>35%
@ VDD=12.5V, VGG=5V, Pin=1mW
• Broadband Frequency Range: 880-915MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 60.5 x 14 x 6.4 mm
• Linear operation is possible by setting the quiescent drain current with the gate voltage and controlling the output
power with the input power
RoHS COMPLIANCE
• RA13H8891MB-101
is a RoHS compliant products.
• RoHS compliance is Indicate by the letter “G” after the lot Marking.
• This product include the lead in the Glass of electronic parts and the lead in electronic Ceramic parts.
However, it is applicable to the following exceptions of RoHS Directions.
1.Lead in the Glass of a cathode-ray tube, electronic parts, and fluorescent tubes.
2.Lead in electronic Ceramic parts.
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA13H8891MB-101
Antistatic tray,
20 modules/tray
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
BLOCK DIAGRAM
2
4
1
5
3
PACKAGE CODE: H11S


Similar Part No. - RA13H8891MB-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H8891MB-101 MITSUBISHI-RA13H8891MB-101 Datasheet
241Kb / 8P
   RoHS Compliance , 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB-101 MITSUBISHI-RA13H8891MB-101 Datasheet
99Kb / 9P
   880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H8891MB-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H8891MB MITSUBISHI-RA13H8891MB Datasheet
241Kb / 8P
   RoHS Compliance , 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB MITSUBISHI-RA13H8891MB_10 Datasheet
99Kb / 9P
   880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_11 Datasheet
181Kb / 9P
   RoHS Compliance , 889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_10 Datasheet
93Kb / 9P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_11 Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA Datasheet
234Kb / 8P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_06 Datasheet
238Kb / 8P
   RoHS Compliance , 135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com