Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA13H4047M-101 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA13H4047M-101
Description  RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H4047M-101 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA13H4047M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H4047M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H4047M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H4047M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H4047M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H4047M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H4047M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H4047M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H4047M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Publication Date : Jul.2011
1
<Silicon RF Power Modules >
RA13H4047M
RoHS Compliance ,
400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
DESCRIPTION
The RA13H4047M is a 13-watt RF MOSFET Amplifier Module for
12.5-volt mobile radios that operate in the 400- to 470-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate voltage
(VGG=0V), only a small leakage current flows into the drain and the RF
input signal attenuates up to 60 dB. The output power and drain current
increase as the gate voltage increases.
With a gate voltage around
4V (minimum), output power and drain current increases substantially.
The nominal output power becomes available at 4.5V (typical) and 5V
(maximum). At VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may also be
used for linear modulation by setting the drain quiescent current with
the gate voltage and controlling the output power with the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD0
@ VDD=12.5V, VGG=0V)
• Pout>13W, T>40%
@ VDD=12.5V, VGG=5V, Pin=50mW
• Broadband Frequency Range: 400-470MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 66 x 21 x 9.88 mm
• Linear operation is possible by setting the quiescent drain current with
the gate voltage and controlling the output power with the input power
RoHS COMPLIANCE
• RA13H4047M-101 is a RoHS compliant products.
• RoHS compliance is indicate by the letter “G” after the Lot Marking.
• This product include the lead in the Glass of electronic parts and the lead in
electronic Ceramic parts.
However, it is applicable to the following exceptions of RoHS Directions.
1.Lead in the Glass of a cathode-ray tube, electronic parts, and fluorescent
tubes.
2.Lead in electronic Ceramic parts.
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA13H4047M-101
Antistatic tray,
10 modules/tray
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
BLOCK DIAGRAM
PACKAGE CODE: H2S
3
2
4
1
5


Similar Part No. - RA13H4047M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H4047M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4047M MITSUBISHI-RA13H4047M_06 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_10 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_06 Datasheet
258Kb / 8P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_11 Datasheet
184Kb / 9P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_06 Datasheet
247Kb / 8P
   RoHS Compliance, 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H3847M1 MITSUBISHI-RA60H3847M1 Datasheet
305Kb / 11P
   RoHS Compliance, 378-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com