Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL1511M Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXL1511M
Description  CCD Delay Line for PAL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1511M Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXL1511M Datasheet HTML 2Page - Sony Corporation CXL1511M Datasheet HTML 3Page - Sony Corporation CXL1511M Datasheet HTML 4Page - Sony Corporation CXL1511M Datasheet HTML 5Page - Sony Corporation CXL1511M Datasheet HTML 6Page - Sony Corporation CXL1511M Datasheet HTML 7Page - Sony Corporation CXL1511M Datasheet HTML 8Page - Sony Corporation CXL1511M Datasheet HTML 9Page - Sony Corporation CXL1511M Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
– 6 –
CXL1511M
<Luminance Signal Characteristics> (No signals input to C-IN1, C-IN2)
Item
Symbol
Measurement
condition
SW condition
Min.
Typ.
Max.
Unit
NOTE
Low
frequency
gain
Frequency
response
Differential
gain
Differential
Phase
Linearity
SN ratio
Coupling
level
GLY1
GLY2
FY1
FY2
DGY1
DGY2
DPY1
DPY2
LNY1
LNY2
SNY1
SNY2
CPY1
CPY2
(See Note 2)
(See Note 3)
5-step
staircase
wave
5-step
staircase
wave
(See Note 10)
50% white
video signal
(See Note 7)
1234
56
7
bba —
bb
b
bba —
ab
b
bba —
bb
b
bba —
bb
b
bba —
ab
c
bba —
ab
c
bba —
ab
c
bba —
ab
c
bba —
ab
a
bba —
ab
a
bba —
bb
d
bba —
bb
d
bbb —
bb
b
bbb —
bb
b
–2
02
dB
2
–2.7
–1.7
0
dB
3
0
35
%
9
0
3
5
deg
9
35
40
43
%
10
52
56
dB
6
10
50
mVrms
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LC89977M CCD Delay Line for PAL 1  2  3  4  5  More Sanyo Semicon Device
CXL1506M CMOS-CCD 1H/2H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5003M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5505M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL1510M CCD Delay Line for Multi System 1  2  3  4  5  More Sony Corporation
CXL5506M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
LC8992 PAL CCD 1H Delay Line 1  2  3  4  Sanyo Semicon Device
CXL1512M CCD Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
LC89950 1H Delay Line for PAL Systems 1  2  3  4  5  Sanyo Semicon Device
CXL5508M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn