Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL1511M Datasheet(PDF) 5 Page - Sony Corporation

Part No. CXL1511M
Description  CCD Delay Line for PAL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1511M Datasheet(HTML) 5 Page - Sony Corporation

  CXL1511M Datasheet HTML 1Page - Sony Corporation CXL1511M Datasheet HTML 2Page - Sony Corporation CXL1511M Datasheet HTML 3Page - Sony Corporation CXL1511M Datasheet HTML 4Page - Sony Corporation CXL1511M Datasheet HTML 5Page - Sony Corporation CXL1511M Datasheet HTML 6Page - Sony Corporation CXL1511M Datasheet HTML 7Page - Sony Corporation CXL1511M Datasheet HTML 8Page - Sony Corporation CXL1511M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
– 5 –
CXL1511M
Electrical Characteristics
(Ta = 25°C, VDD = 5V, fCLK = 4.433619MHz, VCLK = 500mVp-p sine wave)
See electrical Characteristics Measurement Circuit
Item
Symbol
Measurement
condition
SW condition
Min.
Typ.
Max.
Unit
NOTE
Supply
current
IDD1
IDD2
1234567
8
bbbaaa — —
bbbaba — —
35
50
mA
1
Chrominance Signal Characteristics (No signals input to Y-IN)
Item
Symbol
Measurement
condition
SW condition
Min.
Typ.
Max.
Unit
NOTE
Low
frequency
gain
GLC1
GLC2
(See Note 2)
(See Note 3)
(See Note 4)
(See Note 5)
50% white
video signal
(See Note 7)
(See Note 8)
1234
56
7
aaba
— a
b
a
aba
— a
b
–2
02
dB
2
Frequency
response
FC1
FC2
a
aba
— a
b
a
aba
— a
b
a
a
a
a
a
a
b
b
a
dB
3
Linearity
LIC1
LIC2
a
ba
a
b
aba
— a
b
–0.3
0
0.3
dB
4
Comb
depth min.
gain
CCD1
CCD2
aba
— a
b
aba
— a
b
–40
–25
dB
5
SN ratio
SNC1
SNC2
aba
— a
d
aba
— a
d
52
56
dB
6
Coupling
level
CPC1
CPC2
bba
— a
b
bba
— a
b
10
50
mVrms
7
Delay
time
DC
b
b — — a
a
260
ns
8
0
–2.7
–1.7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LC89977M CCD Delay Line for PAL 1  2  3  4  5  More Sanyo Semicon Device
CXL1506M CMOS-CCD 1H/2H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5003M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL5505M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL1510M CCD Delay Line for Multi System 1  2  3  4  5  More Sony Corporation
CXL5506M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
LC8992 PAL CCD 1H Delay Line 1  2  3  4  Sanyo Semicon Device
CXL1512M CCD Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
LC89950 1H Delay Line for PAL Systems 1  2  3  4  5  Sanyo Semicon Device
CXL5508M CMOS-CCD 1H Delay Line for PAL 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn