Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXL1510M Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXL1510M
Description  CCD Delay Line for Multi System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1510M Datasheet(HTML) 4 Page - Sony Corporation

  CXL1510M Datasheet HTML 1Page - Sony Corporation CXL1510M Datasheet HTML 2Page - Sony Corporation CXL1510M Datasheet HTML 3Page - Sony Corporation CXL1510M Datasheet HTML 4Page - Sony Corporation CXL1510M Datasheet HTML 5Page - Sony Corporation CXL1510M Datasheet HTML 6Page - Sony Corporation CXL1510M Datasheet HTML 7Page - Sony Corporation CXL1510M Datasheet HTML 8Page - Sony Corporation CXL1510M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
– 4 –
CXL1510M
Description of Functions
The CXL1510M enables the chrominance comb filter characteristics and luminance signal delay time to be
selected using the control 1 and control 2 statuses.
CONT1 CONT2 Mode (typical example)
Chrominance comb filter
characteristics
Luminance signal delay time
(number of CCD bits)
L
L
PAL/GBI
2H + 12 (1832bit)
1H + 6 (914bit)
L
H
PAL/M
2H (1820bit)
1H (908bit)
H
L
H
H
NTSC/M
1H (910bit)
1H (908bit)
CONT1/CONT2 Input Level
L/H
Min.
L
H
2.0
Typ.
0
5.0
Max.
0.5
6.0
Unit
V
• fsc Output Pin
The buffer output of the clock input from the CLK pin is provided at the fsc output pin. Since a pull-up resistor
is contained inside the IC, the supply voltage is produced during open, and the output is stopped. Connect a
2.2k
Ω pull-down resistor when the fsc output is to be used.
<When in use>
<When not in use>
fsc
2.2k
fsc
VDD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXL1511M CCD Delay Line for PAL 1  2  3  4  5  More Sony Corporation
CXL1512M CCD Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
LC89977M CCD Delay Line for PAL 1  2  3  4  5  More Sanyo Semicon Device
LC89978M CCD Delay Line for Multi-System 1  2  3  4  5  More Sanyo Semicon Device
CXL1506M CMOS-CCD 1H/2H Delay Line for PAL 1  2  3  4  5  More Sony Corporation
TA8865BN PLL MULTI PIF/SIF SYSTEM FOR COLOR TV AND VCR 1  2  3  4  5  More Toshiba Semiconductor
TC9083N 1 CHIP PIP CONTROLLER FOR MULTI COLOR SYSTEM 1  2  3  4  5  More Toshiba Semiconductor
CXL5001M CMOS-CCD 1H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation
TA8772AN PAL/SECAM/NTSC BASE 1H DELAY SYSTEM FOR COLOR TV OR VCR 1  2  3  4  5  More Toshiba Semiconductor
CXL5002M CMOS-CCD 1/2H Delay Line for NTSC 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn