Electronic Components Datasheet Search |
|
1106829 Datasheet(PDF) 13 Page - Tyco Electronics |
|
1106829 Datasheet(HTML) 13 Page - Tyco Electronics |
13 / 85 page D-SCE Fluid resistant heat-shrinkable wire identification sleeves 13 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Ordering information Available sizes and formats Inside diameter Ordering D (min) d (max) Recommended description As supplied After recovery use range mm inches mm inches mm inches D-SCE-1K- 2.4-50-<color> 2.39 0.094 0.79 0.031 0.81 - 1.90 0.032 - 0.075 D-SCE-1K- 3.2-50-<color> 3.18 0.125 1.07 0.043 1.11 - 2.66 0.044 - 0.105 D-SCE-1K- 4.8-50-<color> 4.75 0.187 1.57 0.063 1.75 - 4.06 0.069 - 0.160 D-SCE-1K- 6.4-50-<color> 6.35 0.250 2.11 0.084 2.31 - 5.46 0.091 - 0.215 D-SCE-1K- 9.5-50-<color> 9.53 0.375 3.18 0.125 3.47 - 8.12 0.137 - 0.320 D-SCE-1K-12-50-<color> 12.70 0.500 4.22 0.167 4.64 - 10.79 0.183 - 0.425 D-SCE-1K-18-50-<color> 19.05 0.750 6.35 0.250 6.99 - 16.25 0.275 - 0.640 D-SCE-1K-25-50-<color> 25.40 1.000 8.46 0.333 9.29 - 21.59 0.366 - 0.850 D-SCE-1K-38-50-<color>* 38.10 1.500 19.05 0.750 20.95 - 33.02 0.825 - 1.300 * 2:1 shrink ratio Total width as supplied 90.18 mm (3.550 inches) including tape and carrier width. Options Prescoring Perforated score to produce multiple marker sleeves from each D-SCE sleeve. Standard Side scored Number of prescores 1 prescore 2 prescores 3 prescores Code S1 S2 S3 Package sizes Standard 1K - 1000 piece packages available for all D-SCE sizes Nonstandard Larger pack sizes are available. Please contact Tyco Electronics. Colors Standard White Yellow Code 9 4 Nonstandard Pink Blue Code 2L 6 Ordering information: Specify product name, pack size, sleeve size, prescore, format and color. Ordering example: D-SCE-1K-6.4-50-S2-4 SOG-ER33-3 BT-M 50mm (nom ) SOG-ER32-3 BT-M SOG-ER13-3 BT-M D d |
Similar Part No. - 1106829 |
|
Similar Description - 1106829 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |