Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07M4047MSA-101 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # RA07M4047MSA-101
Description  RoHS Compliance , 400-470MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07M4047MSA-101 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

  RA07M4047MSA-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07M4047MSA-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07M4047MSA-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07M4047MSA-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07M4047MSA-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07M4047MSA-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07M4047MSA-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07M4047MSA-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07M4047MSA-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA
RA
RA
RA07M4047
07M4047
07M4047
07M4047M
M
M
MSA
SA
SA
SA
RA07M4047MSA
30 Jun 2010
9/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
M
itsubishi Electric Corporation puts the maximum effort into making semiconductor products better and
more reliable, but there is always the possibility that trouble may occur with them. Trouble with
semiconductors may lead to personal injury, fire or property damage. Remember to give due
consideration to safety when making your circuit designs, with appropriate measures such as (i)
placement of substitutive, auxiliary circuits, (ii) use of non-flammable material or (iii) prevention against
any malfunction or mishap.
Keep safety first in your circuit designs !
-
These materials are intended as a reference to assist our customers in the selection of the Mitsubishi
semiconductor product best suited to the customer’s application; they do not convey any license under
any intellectual property rights, or any other rights, belonging to Mitsubishi Electric Corporation or a third
party.
- Mitsubishi Electric Corporation assumes no responsibility for any damage, or infringement of any
third-party’s rights, originating in the use of any product data, diagrams, charts, programs, algorithms,
or circuit application examples contained in these materials.
- All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are
subject to change by Mitsubishi Electric Corporation without notice due to product improvements or
other reasons. It is therefore recommended that customers contact Mitsubishi Electric Corporation or
an authorized Mitsubishi Semiconductor product distributor for the latest product information before
purchasing a product listed herein. The information described here may contain technical inaccuracies
or typographical errors. Mitsubishi Electric Corporation assumes no responsibility for any damage,
liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information
published by Mitsubishi Electric Corporation by various means, including the Mitsubishi Semiconductor
home page (http://www.mitsubishichips.com).
- When using any or all of the information contained in these materials, including product data, diagrams,
charts, programs, and algorithms, please be sure to evaluate all information as a total system before
making a final decision on the applicability of the information and products. Mitsubishi Electric
Corporation assumes no responsibility for any damage, liability or other loss resulting from the
information contained herein.
- Mitsubishi Electric Corporation semiconductors are not designed or manufactured for use in a device or
system that is used under circumstances in which human life is potentially at stake. Please contact
Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor when
considering the use of a product contained herein for any specific purposes, such as apparatus or
systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use.
- The prior written approval of Mitsubishi Electric Corporation is necessary to reprint or reproduce in whole
or in part these materials.
- If these products or technologies are subject to the Japanese export control restrictions, they must be
exported under a license from the Japanese government and cannot be imported into a country other
than the approved destination.
Notes regarding these materials


Similar Part No. - RA07M4047MSA-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M4047M MITSUBISHI-RA07M4047M Datasheet
60Kb / 9P
   400-470MHz 7W 7.2V PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M Datasheet
236Kb / 8P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M Datasheet
117Kb / 9P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M-01 MITSUBISHI-RA07M4047M-01 Datasheet
60Kb / 9P
   400-470MHz 7W 7.2V PORTABLE RADIO
RA07M4047M-101 MITSUBISHI-RA07M4047M-101 Datasheet
236Kb / 8P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07M4047MSA-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M4047M MITSUBISHI-RA07M4047M_10 Datasheet
117Kb / 9P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_06 Datasheet
236Kb / 8P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452MSA MITSUBISHI-RA07M4452MSA_10 Datasheet
149Kb / 9P
   RoHS Compliance , 440-520MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M4547MD MITSUBISHI-RA03M4547MD_10 Datasheet
152Kb / 9P
   RoHS Compliance , 450-470MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07N4047M MITSUBISHI-RA07N4047M_06 Datasheet
229Kb / 8P
   RoHS Compliance , 400-470MHz 7.5W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_06 Datasheet
237Kb / 8P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA03M4043MD MITSUBISHI-RA03M4043MD_10 Datasheet
188Kb / 9P
   RoHS Compliance , 400-430MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07N4047M MITSUBISHI-RA07N4047M_10 Datasheet
148Kb / 9P
   RoHS Compliance , 400-470MHz 7.5W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_10 Datasheet
112Kb / 9P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452MSA MITSUBISHI-RA07M4452MSA Datasheet
136Kb / 8P
   440-520MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com