Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA03M4043MD Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA03M4043MD
Description  RoHS Compliance , 400-430MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA03M4043MD Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA03M4043MD_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA03M4043MD_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA03M4043MD_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA03M4043MD_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA03M4043MD_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA03M4043MD_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA03M4043MD_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA03M4043MD_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA03M4043MD_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANT
RA
RA
RA
RA03M4043
03M4043
03M4043
03M4043M
M
M
MD
D
D
D
RA03M4043MD
28 Jun 2010
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTLINE DRAWING (mm)
1 INPUT TERMINAL (Pin)
2 FIRST STAGE GATE BIAS DC SUPPLY TERMINAL (VGG1)
3 FINAL STAGE GATE BIAS DC SUPPLY TERMINAL (VGG2)
4 DRAIN BIAS DC SUPPLY TERMINAL (VDD)
5 OUTPUT TERMINAL (Pout)
6 Fin (GND)


Similar Part No. - RA03M4043MD_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA03M4043MD-101 MITSUBISHI-RA03M4043MD-101 Datasheet
187Kb / 7P
   RF MOSFET MODULE 400-430MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA03M4043MD_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA03M4043MD MITSUBISHI-RA03M4043MD Datasheet
187Kb / 7P
   RF MOSFET MODULE 400-430MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M3540MD MITSUBISHI-RA03M3540MD_10 Datasheet
195Kb / 9P
   RoHS Compliance , 350-400MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M4547MD MITSUBISHI-RA03M4547MD_10 Datasheet
152Kb / 9P
   RoHS Compliance , 450-470MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_10 Datasheet
117Kb / 9P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047MSA MITSUBISHI-RA07M4047MSA Datasheet
147Kb / 9P
   RoHS Compliance , 400-470MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_06 Datasheet
236Kb / 8P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M3843M MITSUBISHI-RA07M3843M_10 Datasheet
151Kb / 9P
   RoHS Compliance , 378-430MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M3843M MITSUBISHI-RA07M3843M Datasheet
237Kb / 8P
   RoHS Compliance , 378-430MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M0608M MITSUBISHI-RA07M0608M Datasheet
240Kb / 8P
   RoHS Compliance ,66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452M MITSUBISHI-RA07M4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance , 440-520MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com