Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRL10A-12 Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # SRL10A-12
Description  Miniature Surface Mount 10A Output, Switching POL Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

SRL10A-12 Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  SRL10A-12 Datasheet HTML 1Page - MicroPower Direct, LLC SRL10A-12 Datasheet HTML 2Page - MicroPower Direct, LLC SRL10A-12 Datasheet HTML 3Page - MicroPower Direct, LLC SRL10A-12 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Pin
Description
Pin
Description
1
+V Input
5
+V Output
2
Sense
6
Trim
4
Common
7
Sense
Pin Connections
Suggested Board Layout
This diagram illustrates a simple board layout for
use with the SRL10A-12 series. As recommended,
external components are placed as close to the
unit as possible. To help shield external circuitry,
the ground plane has been extended under the
unit. Any signal traces should not be routed
underneath the unit (unless they are on a layer
under the ground plane) to avoid unwanted noise
interference.
SRL10A-12-5.0
VOUT (VDC)
RTRIM (k )
0.75
Open
1.20
22.33
1.50
13.00
1.80
9.00
2.00
7.40
2.50
5.00
3.30
3.12
5.00
1.47
Output Voltage Trim
The output voltage level of the SRL10A-12 series is adjustable over
a wide range by the simple addition of an external resistor. This trim
resistor is connected between the circuit common and the trim input,
as shown in the diagram at left.
The required resistor value for various output levels is given in the
table above. To calculate the correct value for a different output
level, the formula is:
.
,
,
R
V0 75
10 500
1000
TRIM
OUT
=
-
-
Where: RTRIM = The external trim resistor
VOUT = The desired output voltage
If a trim resistor is not connected, the output is 0.75 VDC.
Suggested Solder Reflow Profile


Similar Part No. - SRL10A-12

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SRL10100 SECOS-SRL10100 Datasheet
292Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
logo
Rectron Semiconductor
SRL10100 RECTRON-SRL10100 Datasheet
373Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
SRL10100CK RECTRON-SRL10100CK Datasheet
379Kb / 6P
   Schottky Diode
SRL10100P RECTRON-SRL10100P Datasheet
155Kb / 7P
   SCHOTTKY BARRIER RECTIFIER
SRL10120P RECTRON-SRL10120P Datasheet
146Kb / 7P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRL10A-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SRL05A MPD-SRL05A Datasheet
564Kb / 4P
   Miniature Surface Mount 5A Output, Switching POL Regulators
SRL16A-12W MPD-SRL16A-12W Datasheet
786Kb / 4P
   Miniature Surface Mount 16A Output, Switching POL Regulators
SRS10A-12 MPD-SRS10A-12 Datasheet
593Kb / 4P
   Miniature, Non-isolated 10A Output, Switching POL Regulators
LSR7805 MPD-LSR7805 Datasheet
389Kb / 2P
   Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
SRS05A MPD-SRS05A Datasheet
589Kb / 4P
   Miniature, Non-isolated 5A Output, Switching POL Regulators
SRM7810 MPD-SRM7810 Datasheet
295Kb / 2P
   Miniature, 1A Output Non-isolated POL Switching Regulators
SR7805 MPD-SR7805 Datasheet
234Kb / 2P
   Low Cost, Non-isolated Ultra-Miniature SIP POL Switching Regulators
SR7810 MPD-SR7810 Datasheet
285Kb / 2P
   Low Cost, 1A Output Non-isolated POL Switching Regulators
SR7815 MPD-SR7815 Datasheet
357Kb / 2P
   Low Cost, 1.5A Output Non-isolated POL Switching Regulators
MSR7805W MPD-MSR7805W Datasheet
1Mb / 4P
   Low Cost, Non-isolated Wide Input, Single Output POL Switching Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com