Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21994-4W Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # PS21994-4W
Description  Dual-In-Line Package Intelligent Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21994-4W Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button PS21994-4W Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21994-4W Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21994-4W Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21994-4W Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21994-4W Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21994-4W Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21994-4W Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21994-4W Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21994-4W Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21994-4/-4A/-4C/-4W
TRANSFER-MOLD TYPE
INSULATED TYPE
Sep. 2008
10
Fig. 11 AN EXAMPLE OF TYPICAL DIPIPM APPLICATION CIRCUIT
15V line
WOUT
VOUT
C3
C2
C2
C2
C1
C1
C1
UOUT
WP
VWB
VP
VVB
5V line
UP
COM
UOUT
VOUT
WOUT
GND
F
o
WN
VN
VCC
C
B
A
R1
N1
C4
CIN
N
W
V
U
P
VWS
VVS
VUS
VUB
VCC
Fo
WN
VN
UN
UN
WP
VP
UP
VNC
VNC
VN1
VP1
VUFB
VVFB
VWFB
C3
HVIC
LVIC
Shunt
resistor
Long wiring here might cause SC
level fluctuation and malfunction.
Long GND wiring here might
generate noise to input and
cause IGBT malfunction.
Long wiring here might
cause short-circuit.
Long wiring here might
cause short-circuit.
M
M
Bootstrap negative
electrodes should be
connected to U, V, W
terminals directly and
separated from the
main output wires.
Note 1 : Input drive is High-active type. There is a 3.3k
Ω (Min.) pull-down resistor in the input circuit of IC. To prevent malfunction, the wiring of
each input should be as short as possible. When using RC coupling circuit, make sure the input signal level meet the turn-on and turn-
off threshold voltage.
2: Thanks to HVIC inside the module, direct coupling to MCU without any opto-coupler or transformer isolation is possible.
3: Fo output is open drain type. It should be pulled up to the MCU or control power supply (e.g. 5V, 15V) by a resistor that makes IFo
up to 1mA.
4: To prevent erroneous protection, the wiring of A, B, C should be as short as possible.
5: The time constant R1C4 of the protection circuit should be selected in the range of 1.5-2
µs. SC interrupting time might vary with the
wiring pattern. Tight tolerance, temp-compensated type is recommended for R1, C4
6: All capacitors should be mounted as close to the terminals of DIPIPM as possible. (C1: good temperature, frequency characteristic
electrolytic type, and C2, C3 (0.22~2
µF) : good temperature, frequency and DC bias characteristic ceramic type are recommended.)
7: To prevent surge destruction, the wiring between the smoothing capacitor and the P, N1 terminals should be as short as possible.
Generally a 0.1-0.22
µF snubber between the P-N1 terminals is recommended.
8: Two VNC terminals (9 & 16 pin) are connected inside DIPIPM, please connect either one to the 15V power supply GND and leave the other open.
9: It is recommended to insert a Zener diode (24V/1W) between each pair of control supply terminals to prevent surge destruction.
10 : If control GND is connected with power GND by common broad pattern, it may cause malfunction by power GND fluctuation. It is
recommended to connect control GND and power GND at only a point N1.
11 : High voltage (VRRM =600V or more) and fast recovery type (trr=100ns or less) diodes should be used in the bootstrap circuit.


Similar Part No. - PS21994-4W

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21994-4W MITSUBISHI-PS21994-4W Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results

Similar Description - PS21994-4W

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com