Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK77V3211Q-12 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXK77V3211Q-12
Description  32768-word by 32-bit High Speed Synchronous Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77V3211Q-12 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXK77V3211Q-12 Datasheet HTML 3Page - Sony Corporation CXK77V3211Q-12 Datasheet HTML 4Page - Sony Corporation CXK77V3211Q-12 Datasheet HTML 5Page - Sony Corporation CXK77V3211Q-12 Datasheet HTML 6Page - Sony Corporation CXK77V3211Q-12 Datasheet HTML 7Page - Sony Corporation CXK77V3211Q-12 Datasheet HTML 8Page - Sony Corporation CXK77V3211Q-12 Datasheet HTML 9Page - Sony Corporation CXK77V3211Q-12 Datasheet HTML 10Page - Sony Corporation CXK77V3211Q-12 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
– 7 –
CXK77V3211Q
DC and Operating Characteristics
(VDD = 3.3V
, GND = 0V, Ta = 0 to +70°C)
Input leakage current
Output leakage
current
Operating supply
current
Static CMOS supply
current
Standby current
Deselect supply
current
Output High voltage
Output Low voltage
ILI
ILO
IDD-0MHz
IDD-66MHz
IDD-80MHz
IDD1-0MHz
ISB1
ISB2-0MHz
ISB2-66MHz
ISB2-80MHz
VOH
VOL
VIN = GND to VDD
Output disabled,
VOUT = GND to VDD
Device selected; all inputs
≤ VIL or ≥ VIH;
cycle time
≥ tKC min, VDD = MAX;
outputs open
All inputs
≤ 0.2V or ≥ VDD – 0.2V
ZZ
≥ VDD –0.2V,
All inputs
≤ 0.2V or ≥ VDD – 0.2V
Device deselect
IOH = –5.0mA
IOL = 5.0mA
–1
–1
2.4
1
1
20
210
250
20
20
20
120
140
0.4
µA
µA
mA
mA
mA
mA
V
V
Item
Symbol
Test condition
Min.
Max.
Unit
+10%
– 5%
DC and Operating Characteristics for Special Modes-pins
These Mode-pin input buffers (FT, ZZ, LBO) have special self-bias circuit to protect against coupling noise
when these pins are not connected during normal operations.
Mode-pins
FT
ZZ
LBO
≥ VIH + 0.5V
< VIH + 0.5V
≥ VIL
< VIL
< 1µA
> 10K
Ω to VSS
< 1µA
> 10K
Ω to VDD
VIN
ILI


Similar Part No. - CXK77V3211Q-12

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77B1810AGB SONY-CXK77B1810AGB Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB-5 SONY-CXK77B1810AGB-5 Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB-6 SONY-CXK77B1810AGB-6 Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB- SONY-CXK77B3610GB- Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB-6 SONY-CXK77B3610GB-6 Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
More results

Similar Description - CXK77V3211Q-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com