Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK77V3211Q Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXK77V3211Q
Description  32768-word by 32-bit High Speed Synchronous Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77V3211Q Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXK77V3211Q Datasheet HTML 2Page - Sony Corporation CXK77V3211Q Datasheet HTML 3Page - Sony Corporation CXK77V3211Q Datasheet HTML 4Page - Sony Corporation CXK77V3211Q Datasheet HTML 5Page - Sony Corporation CXK77V3211Q Datasheet HTML 6Page - Sony Corporation CXK77V3211Q Datasheet HTML 7Page - Sony Corporation CXK77V3211Q Datasheet HTML 8Page - Sony Corporation CXK77V3211Q Datasheet HTML 9Page - Sony Corporation CXK77V3211Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
– 6 –
CXK77V3211Q
Linear burst
Interleaved burst
Function
L
H or NC
LBO
Flow-thru output
Pipelined output
Function
L or NC
H
FT
Powerdown to ISB1
Active
Function
H
L or NC
ZZ
READ
READ
WRITE byte 1
WRITE all bytes
WRITE all bytes
Function
H
H
H
H
L
SGW
H
L
L
L
X
BWE
X
H
L
L
X
BW1
X
H
H
L
X
BW2
X
H
H
L
X
BW3
X
H
H
L
X
BW4
Partial Truth Table
Absolute Maximum Rating
(Ta = 25°C, GND = 0V)
Supply voltage
Input voltage
Power dissipation
Operating temperature
Storage temperature
Soldering temperature · time
Item
VDD
VIN
PD
Topr
Tstg
Tsolder
Symbol
–0.5 to +4.6
–0.5 to 6 (Max.)
1.6
0 to +70
–55 to +150
235 · 10
Rating
V
V
W
°C
°C
°C · sec
Unit
DC Recommended Operating Conditions
(Ta = 0 to +70°C, GND = 0V)
Supply voltage
Input high voltage
Input low voltage
Item
VDD
VIH
VIL
Symbol
3.135
2.0
–0.3
Min.
3.3
Typ.
3.63
5.5
0.8
Max.
V
V
V
Unit
1
1, 2
1, 2
Note
Note) 1. All voltage referenced to VSS (GND).
2. Overshoot:
VIH
≤ VDD + 2.0V for t ≤ tKC/2.
Undershoot: VIL
≥ –2.0V for t ≤ tKC/2.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn