Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21963-4EW Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PS21963-4EW
Description  Dual-In-Line Package Intelligent Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21963-4EW Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS21963-4EW Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21963-4E/-4AE/-4CE/-4EW
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 2007
4
V
V
V
V
mA
V
20
20
–0.5~VD+0.5
–0.5~VD+0.5
1
–0.5~VD+0.5
Applied between VP1-VNC, VN1-VNC
Applied between VUFB-U, VVFB-V, VWFB-W
Applied between UP, VP, WP, UN, VN,
WN-VNC
Applied between FO-VNC
Sink current at FO terminal
Applied between CIN-VNC
Control supply voltage
Control supply voltage
Input voltage
Fault output supply voltage
Fault output current
Current sensing input voltage
VD
VDB
VIN
VFO
IFO
VSC
450
500
600
8
16
24.3
–20~+125
Applied between P-N
Applied between P-N
TC = 25
°C
TC = 25
°C, less than 1ms
TC = 25
°C, per 1 chip
(Note 1)
VCC
VCC(surge)
VCES
±IC
±ICP
PC
Tj
Condition
Symbol
Parameter
Ratings
Unit
Supply voltage
Supply voltage (surge)
Collector-emitter voltage
Each IGBT collector current
Each IGBT collector current (peak)
Collector dissipation
Junction temperature
V
V
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Condition
Symbol
Parameter
Ratings
Unit
CONTROL (PROTECTION) PART
Note 1 : The maximum junction temperature rating of the power chips integrated within the DIP-IPM is 150
°C (@ TC ≤ 100°C). However, to
ensure safe operation of the DIP-IPM, the average junction temperature should be limited to Tj(ave)
≤ 125°C (@ TC ≤ 100°C).
Note1: In the recommended external protection circuit, please select the RC time constant in the range 1.5~2.0
µs.
2: To prevent erroneous protection operation, the wiring of A, B, C should be as short as possible.
Drive circuit
Drive circuit
Protection circuit
W
V
U
B
C
VNC
CIN
A
P
N1
N
C
R
Shunt Resistor
External protection circuit
DIP-IPM
L-side IGBTS
H-side IGBTS
SC Protection
Trip Level
IC (A)
tw (
µs)
2
0
Short Circuit Protective Function (SC) :
SC protection is achieved by sensing the L-side DC-Bus current (through the external
shunt resistor) after allowing a suitable filtering time (defined by the RC circuit).
When the sensed shunt voltage exceeds the SC trip-level, all the L-side IGBTs are turned
OFF and a fault signal (Fo) is output. Since the SC fault may be repetitive, it is
recommended to stop the system when the Fo signal is received and check the fault.
Collector current
waveform
(Note 1)
(Note 2)
Fig. 6 EXTERNAL PART OF THE DIP-IPM PROTECTION CIRCUIT


Similar Part No. - PS21963-4EW

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-4E MITSUBISHI-PS21963-4E Datasheet
179Kb / 10P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4ES MITSUBISHI-PS21963-4ES Datasheet
130Kb / 8P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4ES MITSUBISHI-PS21963-4ES Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21963-4ES MITSUBISHI-PS21963-4ES_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21963-4EW

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com