Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21962-4W Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PS21962-4W
Description  Dual-In-Line Package Intelligent Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21962-4W Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button PS21962-4W Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21962-4W Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21962-4W Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21962-4W Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21962-4W Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21962-4W Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21962-4W Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21962-4W Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21962-4W Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21962-4/-4A/-4C/-4W
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 2007
6
Note 7: Flatness measurement position
+–
+
Heat sink side
Heat sink side
4.6mm
DIP-IPM
Measurement position
Mounting screw : M3
(Note 6)
Condition
Parameter
Limits
Mounting torque
Weight
Heat-sink flatness
Min.
MECHANICAL CHARACTERISTICS AND RATINGS
Typ.
Max.
0.59
–50
Unit
10
0.78
100
N·m
g
µm
Recommended : 0.69 N·m
(Note 7)
Note 6 : Plain washers (ISO 7089~7094) are recommended.
CONTROL (PROTECTION) PART
Note 4 : Short circuit protection is functioning only for the lower-arms. Please select the external shunt resistance such that the SC trip-level is
less than 1.7 times of the current rating.
5: Fault signal is asserted corresponding to a short circuit or lower side control supply under-voltage failure.
Symbol
ID
VFOH
VFOL
VSC(ref)
IIN
UVDBt
UVDBr
UVDt
UVDr
tFO
Vth(on)
Vth(off)
Vth(hys)
Parameter
Condition
Limits
Unit
Circuit current
Fault output voltage
Short circuit trip level
Control supply under-voltage
protection
Fault output pulse width
ON threshold voltage
OFF threshold voltage
ON/OFF threshold hysteresis
voltage
VD = VDB = 15V
VIN = 5V
Total of VP1-VNC, VN1-VNC
VUFB-U, VVFB-V, VWFB-W
VSC = 0V, FO terminal pull-up to 5V by 10k
VSC = 1V, IFO = 1mA
Tj = 25
°C, VD = 15V
(Note 4)
VIN = 5V
Trip level
Reset level
Trip level
Reset level
(Note 5)
Applied between UP, VP, WP, UN, VN, WN-VNC
4.9
0.43
0.70
10.0
10.5
10.3
10.8
20
0.8
0.35
0.48
1.00
2.1
1.3
0.65
2.80
0.55
2.80
0.55
0.95
0.53
1.50
12.0
12.5
12.5
13.0
2.6
Min.
Typ.
Max.
mA
mA
mA
mA
V
V
V
mA
V
V
V
V
µs
V
V
V
VD = VDB = 15V
VIN = 0V
Total of VP1-VNC, VN1-VNC
VUFB-U, VVFB-V, VWFB-W
Tj
≤ 125°C
Input current


Similar Part No. - PS21962-4W

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-4W MITSUBISHI-PS21962-4W Datasheet
179Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results

Similar Description - PS21962-4W

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com