Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK77B3610GB- Datasheet(PDF) 5 Page - Sony Corporation

Part No. CXK77B3610GB-
Description  High Speed Bi-CMOS Synchronous Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77B3610GB- Datasheet(HTML) 5 Page - Sony Corporation

  CXK77B3610GB- Datasheet HTML 1Page - Sony Corporation CXK77B3610GB- Datasheet HTML 2Page - Sony Corporation CXK77B3610GB- Datasheet HTML 3Page - Sony Corporation CXK77B3610GB- Datasheet HTML 4Page - Sony Corporation CXK77B3610GB- Datasheet HTML 5Page - Sony Corporation CXK77B3610GB- Datasheet HTML 6Page - Sony Corporation CXK77B3610GB- Datasheet HTML 7Page - Sony Corporation CXK77B3610GB- Datasheet HTML 8Page - Sony Corporation CXK77B3610GB- Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
– 5 –
CXK77B3610GB
Mode Select Truth Table
Electrical Characteristics
• DC and operating characteristics
(VCC = 3.3V ± 10%, GND = 0V, Ta = 0 to 70°C)
Register-Resister mode
Register-Flow Thru mode
Register-Latch mode
Item
L
L
H
M1
H
L
L
M2
Input leakage current
Output leakage current
Operating power supply
current
Standby current
Output high voltage
Output low voltage
Item
ILI
ILO
ICC
ISB
VOH
VOL
Symbol
–1
–10
2.4
Min.
VIN = GND to VCC
VO = GND to VCC
G = VIH
Cycle = min.
Duty = 100%
IOUT = 0mA
ZZ
≥ VIH
IOH = –2.0mA
IOL = 2.0mA
Test conditions
Typ.∗
1
10
TBD
20
0.4
Max.
µA
µA
mA
mA
V
V
Unit
∗ V
CC
= 3.3V, Ta = 25°C
• I/O capacitance
(Ta = 25°C, f = 1MHz)
Input capacitance
Clock input capacitance
Output capacitance
Item
CIN
CCLK
COUT
Symbol
Min.
VIN = 0V
VIN = 0V
VOUT = 0V
Test conditions
5
8
8
Max.
pF
pF
pF
Unit
Note) These parameters are sampled and are not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn