Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK77B3610GB- Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXK77B3610GB-
Description  High Speed Bi-CMOS Synchronous Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77B3610GB- Datasheet(HTML) 4 Page - Sony Corporation

  CXK77B3610GB- Datasheet HTML 1Page - Sony Corporation CXK77B3610GB- Datasheet HTML 2Page - Sony Corporation CXK77B3610GB- Datasheet HTML 3Page - Sony Corporation CXK77B3610GB- Datasheet HTML 4Page - Sony Corporation CXK77B3610GB- Datasheet HTML 5Page - Sony Corporation CXK77B3610GB- Datasheet HTML 6Page - Sony Corporation CXK77B3610GB- Datasheet HTML 7Page - Sony Corporation CXK77B3610GB- Datasheet HTML 8Page - Sony Corporation CXK77B3610GB- Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
– 4 –
CXK77B3610GB
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
Supply voltage
Input voltage
Output voltage
Allowable power dissipation
operating temperature
Strorage temperature
Soldering temperature · time
Item
H
L
L
L
L
L
L
X
H
L
L
L
L
L
X
X
H
H
L
L
L
X
X
X
X
L
X
H
X
X
H
L
X
X
X
Sleep mode, Power down
Deselect
Read
Read
Write all bytes (bits 0 to 35)
Write bytes with BWx = L
Aborted Write
Hi-Z
X
Hi-Z
X
X
X
X
Hi-Z
Hi-Z
Hi-Z
Q (tn)
D (tn)
D (tn)
X
ISB
ICC
ICC
ICC
ICC
ICC
ICC
ZZ
S (tn)
W (tn)
BWx (tn)
G
Mode
DQ0 to 35
(tn)
DQ0 to 35
(tn+1)
VDD
Current
VCC
VIN
VO
PD
Topr
Tstg
Tsolder
Symbol
–0.5 to +4.6
–0.5 to VCC +0.5 (4.6V max.)
–0.5 to VCC +0.5 (4.6V max.)
TBD
0 to 70
–55 to +150
235 · 10
Rating
V
V
V
W
°C
°C
°C · sec
Unit
Truth Table
DC Recommended Operating Conditions
(Ta = 25°C, GND = 0V)
Supply voltage
Output supply voltage
Input high voltage
Input low voltage
Differential clock input signal
Differential clock input
common mode
Item
VDD
VDDQ
VIH
VIL
∆VK
VK, COM
Symbol
3.15
3.15
2.0
–0.3
0.4
1.2
Min.
3.3
3.3
0.8
2.0
Typ.
3.45
3.45
VDD +0.3
0.8
2.2
Max.
V
V
V
V
V
V
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn