Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK581000AP-70LL Datasheet(PDF) 5 Page - Sony Corporation

Part # CXK581000AP-70LL
Description  131072-word x 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK581000AP-70LL Datasheet(HTML) 5 Page - Sony Corporation

  CXK581000AP-70LL Datasheet HTML 1Page - Sony Corporation CXK581000AP-70LL Datasheet HTML 2Page - Sony Corporation CXK581000AP-70LL Datasheet HTML 3Page - Sony Corporation CXK581000AP-70LL Datasheet HTML 4Page - Sony Corporation CXK581000AP-70LL Datasheet HTML 5Page - Sony Corporation CXK581000AP-70LL Datasheet HTML 6Page - Sony Corporation CXK581000AP-70LL Datasheet HTML 7Page - Sony Corporation CXK581000AP-70LL Datasheet HTML 8Page - Sony Corporation CXK581000AP-70LL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
– 5 –
CXK581000ATM/AYM/AM/AP
55
55
55
30
25
25
• Read cycle (WE = "H")
Read cycle time
Address access time
Chip enable access time (CE1)
Chip enable access time (CE2)
Output enable to output valid
Output hold from address change
Chip enable to output in low Z (CE1, CE2)
Output enable to output in low Z (OE)
Chip disable to output in high Z (CE1, CE2)
Output disable to output in high Z (OE)
Item
Symbol
-55LL/55SL
-70LL/70SL
-10LL/10SL
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Item
Symbol
-55LL/55SL
-70LL/70SL
-10LL/10SL
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tRC
tAA
tCO1
tCO2
tOE
tOH
tLZ1, tLZ2
tOLZ
tHZ1, tHZ2
tOHZ
55
15
10
5
70
15
10
5
70
70
70
40
25
25
100
100
100
50
35
35
100
15
10
5
ns
t
HZ1
,
tHZ2 and tOHZ are defined as the time required for outputs to turn to high impedance state and are not
referred to as output voltage levels.
• Write cycle
Write cycle time
Address valid to end of write
Chip enable to end of write
Data to write time overlap
Data hold from write time
Write pulse width
Address setup time
Write recovery time (WE)
Write recovery time (CE1, CE2)
Output active from end of write
Write to output in high Z
tWC
tAW
tCW
tDW
tDH
tWP
tAS
tWR
tWR1
tOW
tWHZ
55
50
50
25
0
40
0
0
0
10
25
70
60
60
30
0
50
0
0
0
10
25
30
100
70
70
40
0
70
0
0
0
10
ns
t
WHZ
is defined as the time required for outputs to turn to high impedance state and is not referred to as
output voltage level.


Similar Part No. - CXK581000AP-70LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK581000M SONY-CXK581000M Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-10L SONY-CXK581000M-10L Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-10LL SONY-CXK581000M-10LL Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-12L SONY-CXK581000M-12L Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-12LL SONY-CXK581000M-12LL Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
More results

Similar Description - CXK581000AP-70LL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com