Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK5T8257BM-10LLX Datasheet(PDF) 8 Page - Sony Corporation

Part # CXK5T8257BM-10LLX
Description  32768-word X 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T8257BM-10LLX Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXK5T8257BM-10LLX Datasheet HTML 2Page - Sony Corporation CXK5T8257BM-10LLX Datasheet HTML 3Page - Sony Corporation CXK5T8257BM-10LLX Datasheet HTML 4Page - Sony Corporation CXK5T8257BM-10LLX Datasheet HTML 5Page - Sony Corporation CXK5T8257BM-10LLX Datasheet HTML 6Page - Sony Corporation CXK5T8257BM-10LLX Datasheet HTML 7Page - Sony Corporation CXK5T8257BM-10LLX Datasheet HTML 8Page - Sony Corporation CXK5T8257BM-10LLX Datasheet HTML 9Page - Sony Corporation CXK5T8257BM-10LLX Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
– 8 –
CXK5T8257BTM/BYM/BM
VCC
2.7V
2.2V
VDR
CE
GND
tCDRS
Data retention mode
tR
CE
≥ VCC – 0.2V
Data Retention Waveform
• Low supply voltage data retention waveform
Data retention voltage
Data retention current
Data retention
setup time
Recovery time
VDR
ICCDR1
ICCDR2
tCDRS
tR
CE
≥ VCC – 0.2V
VCC = 2.0 to 3.6V
CE
≥ VCC – 0.2V
Chip disable to data
retention mode
2
0
5
0.1
0.12∗1
3.6
6
3
7.0
V
µA
ns
ms
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Data Retention Characteristics
(Ta = –25 to +85°C)
1 V
CC
= 3.3V, Ta = 25°C
VCC = 3.0V
CE
≥ 2.8V
–25 to +85°C
–25 to +70°C
+25°C


Similar Part No. - CXK5T8257BM-10LLX

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5T81000AM SONY-CXK5T81000AM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AM-10LLX SONY-CXK5T81000AM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AM-12LLX SONY-CXK5T81000AM-12LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATM-10LLX SONY-CXK5T81000ATM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5T8257BM-10LLX

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5V8257BTM SONY-CXK5V8257BTM Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK58257AP SONY-CXK58257AP Datasheet
291Kb / 10P
   32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM
logo
Hitachi Semiconductor
HM62256 HITACHI-HM62256 Datasheet
309Kb / 14P
   32768-word x 8-bit High Speed CMOS Static RAM
2003
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com