Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS2545CT-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2545CT-Y
Description  Automotive power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2545CT-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2545CT-Y Datasheet HTML 1Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 2Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 3Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 4Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 5Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 6Page - STMicroelectronics STPS2545CT-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS2545CT-Y
2/7
Doc ID 18183 Rev 2
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
ΔT
j(diode 1) = P(diode 1) x Rth(j-c)(per diode) + P(diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.42 x IF(AV) + 0.012 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current
δ = 0.5
Tc = 160 °C Per diode
12.5
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
200
A
PARM
Repetitive peak avalanche power
tp = 1 µs, Tj = 25 °C
4800
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature range(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink.
-40 to + 175
°C
dV/dt
Critical rate of rise reverse voltage
10000
V/µs
Table 3.
Thermal resistances parameters
Symbol
Parameter
Value
Unit
Rth (j-c) Junction to case
Per diode
1.6
°C/W
Rth (c)
Coupling
0.6
°C/W
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 380 µs, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
125
µA
Tj = 125 °C
9
25
mA
VF
(1)
Forward voltage drop
Tj = 125 °C
IF = 12.5 A
0.50
0.57
V
Tj = 25 °C
IF = 25 A
0.84
Tj = 125 °C
IF = 25 A
0.65
0.72
dPtot
dTj
<
1
Rth(j-a)


Similar Part No. - STPS2545CT-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2545CT STMICROELECTRONICS-STPS2545CT Datasheet
102Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS2545CT STMICROELECTRONICS-STPS2545CT Datasheet
136Kb / 10P
   Power Schottky rectifier
More results

Similar Description - STPS2545CT-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
   Automotive power Schottky rectifier
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
   Automotive power Schottky rectifier
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
   Automotive power Schottky rectifier
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
   Automotive power Schottky rectifier
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
   Automotive power Schottky rectifier
December 2013 Rev 2
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
   Automotive power Schottky rectifier
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
   Automotive power Schottky rectifier
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com