Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5V8257BTM Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXK5V8257BTM
Description  32768-word X 8-bit High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5V8257BTM Datasheet(HTML) 1 Page - Sony Corporation

  CXK5V8257BTM Datasheet HTML 1Page - Sony Corporation CXK5V8257BTM Datasheet HTML 2Page - Sony Corporation CXK5V8257BTM Datasheet HTML 3Page - Sony Corporation CXK5V8257BTM Datasheet HTML 4Page - Sony Corporation CXK5V8257BTM Datasheet HTML 5Page - Sony Corporation CXK5V8257BTM Datasheet HTML 6Page - Sony Corporation CXK5V8257BTM Datasheet HTML 7Page - Sony Corporation CXK5V8257BTM Datasheet HTML 8Page - Sony Corporation CXK5V8257BTM Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
– 1 –
CXK5V8257BTM/BYM/BM -70LL/10LL
E93836A5Z-ST
32768-word
× 8-bit High Speed CMOS Static RAM
Description
The CXK5V8257BTM/BYM/BM is 262,144 bits
high speed CMOS static RAM organized as 32768-
words by 8 bits.
A polysilicon TFT cell technology realized extermely
low stand-by current and higher data retention stability.
Operating on a single 3.3V supply, directly LVTTL
compatible (All inputs and outputs).
And special feature are, low power consumption,
high speed and broad package line-up.
The CXK5V8257BTM/BYM/BM is a suitable RAM
for portable equipment with battery back up.
Features
• Single +3.3V supply: 3.3V ±0.3V
• Directly LVTTL compatible: All inputs and outputs
• Fast access time:
(Access time)
CXK5V8257BTM/BYM/BM
-70LL
70ns (Max.)
-10LL
100ns (Max.)
• Low standby current:
CXK5V8257BTM/BYM/BM
-70LL/10LL
3.5µA (Max.)
• Low power data retention: 2.0V (Min.)
• Available in many packages
CXK5V8257BTM/BYM 8mm
× 13.4mm 28 pin
TSOP Package
CXK5V8257BM
450mil 28 pin
SOP Package
Function
32768-word
× 8 bit static RAM
Structure
Silicon gate CMOS IC
Block Diagram
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXK5V8257BTM
28 pin TSOP (Plastic)
CXK5V8257BYM
28 pin TSOP (Plastic)
CXK5V8257BM
28 pin SOP (Plastic)
Memory
Matrix
512
× 512
I /O Gate
Column
Decoder
Row
Decoder
Buffer
Buffer
Buffer
I /O Buffer
VCC
GND
I /O1 I /O8
A14
A13
A12
A11
A9
A8
A7
A6
A5
OE
WE
CE
A4
A10
A3
A2
A1
A0
For the availability of this product, please contact the sales office.


Similar Part No. - CXK5V8257BTM

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-10LLX SONY-CXK5V81000ATM-10LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-85LLX SONY-CXK5V81000ATM-85LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM-10LLX SONY-CXK5V8512TM-10LLX Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5V8257BTM

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5T8257BTM SONY-CXK5T8257BTM Datasheet
209Kb / 10P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK58257AP SONY-CXK58257AP Datasheet
291Kb / 10P
   32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz