Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5V8257BTM Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXK5V8257BTM
Description  32768-word X 8-bit High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5V8257BTM Datasheet(HTML) 4 Page - Sony Corporation

  CXK5V8257BTM Datasheet HTML 1Page - Sony Corporation CXK5V8257BTM Datasheet HTML 2Page - Sony Corporation CXK5V8257BTM Datasheet HTML 3Page - Sony Corporation CXK5V8257BTM Datasheet HTML 4Page - Sony Corporation CXK5V8257BTM Datasheet HTML 5Page - Sony Corporation CXK5V8257BTM Datasheet HTML 6Page - Sony Corporation CXK5V8257BTM Datasheet HTML 7Page - Sony Corporation CXK5V8257BTM Datasheet HTML 8Page - Sony Corporation CXK5V8257BTM Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
– 4 –
CXK5V8257BTM/BYM/BM
-70LL
-10LL
Item
Symbol
Unit
Min.
Max.
Min.
Max.
-70LL
-10LL
Item
Symbol
Unit
Min.
Max.
Min.
Max.
tRC
tAA
tCO
tOE
tOH
tLZ
tOLZ
tHZ1
tOHZ1
70
20
10
5
70
70
35
30
30
100
20
10
10
100
100
50
35
35
ns
ns
ns
ns
ns
ns
ns
ns
ns
Read cycle time
Address access time
Chip enable access time (CE)
Output enable to output valid
Output hold from address change
Chip enable to output in low Z (CE)
Output enable to output in low Z (OE)
Chip disable to output in high Z (CE)
Output disable to output in high Z (OE)
tWC
tAW
tCW
tDW
tDH
tWP
tAS
tWR
tWR1
tOW
tWHZ2
70
60
60
30
0
55
0
0
0
10
30
100
80
80
35
0
60
0
0
0
10
35
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Write cycle time
Address valid to end of write
Chip enable to end of write
Data to write time overlap
Data hold from write time
Write pulse width
Address setup time
Write recovery time (WE)
Write recovery time (CE)
Output active from end of write
Write to output in high Z
• Read cycle (WE = “H”)
1 t
HZ
and
tOHZ are defined as the time required for outputs to turn to high impedance state and are not
referred to as output voltage levels.
• Write cycle
2 t
WHZ
is defined as the time required for outputs to turn to high impedance state and is not referred to as
output voltage level.


Similar Part No. - CXK5V8257BTM

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-10LLX SONY-CXK5V81000ATM-10LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-85LLX SONY-CXK5V81000ATM-85LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM-10LLX SONY-CXK5V8512TM-10LLX Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5V8257BTM

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5T8257BTM SONY-CXK5T8257BTM Datasheet
209Kb / 10P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK58257AP SONY-CXK58257AP Datasheet
291Kb / 10P
   32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz