Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5V8257BTM Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXK5V8257BTM
Description  32768-word X 8-bit High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5V8257BTM Datasheet(HTML) 3 Page - Sony Corporation

  CXK5V8257BTM Datasheet HTML 1Page - Sony Corporation CXK5V8257BTM Datasheet HTML 2Page - Sony Corporation CXK5V8257BTM Datasheet HTML 3Page - Sony Corporation CXK5V8257BTM Datasheet HTML 4Page - Sony Corporation CXK5V8257BTM Datasheet HTML 5Page - Sony Corporation CXK5V8257BTM Datasheet HTML 6Page - Sony Corporation CXK5V8257BTM Datasheet HTML 7Page - Sony Corporation CXK5V8257BTM Datasheet HTML 8Page - Sony Corporation CXK5V8257BTM Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
– 3 –
CXK5V8257BTM/BYM/BM
Input pulse high level
Input pulse low level
Input rise time
Input fall time
Input and output reference level
-70LL
-10LL
VIH = 2.0V
VIL = 0.8V
tr = 5ns
tf = 5ns
1.4V
CL2 = 30pF, 1TTL
CL2 = 100pF, 1TTL
Item
Conditions
TTL
CL
Output load
conditions
AC Characteristics
• AC test conditions (VCC = 3.3V ± 0.3V, Ta = 0 to +70°C)
2 C
L
includes scope and jig capacitances.
I/O capacitance
(Ta = 25°C, f = 1MHz)
Input capacitance
I/O capacitance
Item
Symbol Test condition
Min.
Typ.
Max.
Unit
CIN
CI/O
VIN = 0V
VI/O = 0V
8
10
pF
pF
Note) This parameter is sampled and is not 100% tested.
Electrical Characteristics
• DC characteristics
(VCC = 3.3V ± 0.3V, GND = 0V, Ta = 0 to +70°C)
Item
Symbol
Test Conditions
Min.
Typ.∗1
Max.
Unit
Input leakage current
Output leakage
current
Operating power
supply current
Average operating
current
Standby current
Output high
voltage
Output low
voltage
ILI
ILO
ICC1
ICC2
ISB1
ISB2
VOH
VOL
VIN = GND to VCC
CE = VIH,
OE = VIH or WE = VIL,
VI/O = GND to VCC
CE = VIL,
VIN = VIH or VIL,
IOUT = 0mA
Min. cycle,
Duty = 100%, IOUT = 0mA
CE
≥ VCC – 0.2V
CE = VIH
IOH = –2mA
IOL = 2.0mA
–0.5
–0.5
2.4
0.5
0.5
2
40
35
3.5
0.7
0.35
0.7
0.4
0.9
21
18
0.12
0.06
µA
µA
mA
mA
µA
mA
V
V
1 V
CC
= 3.3V, Ta = 25°C
70LL
10LL
0 to +70°C
0 to +40°C
+25°C


Similar Part No. - CXK5V8257BTM

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-10LLX SONY-CXK5V81000ATM-10LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-85LLX SONY-CXK5V81000ATM-85LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM-10LLX SONY-CXK5V8512TM-10LLX Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5V8257BTM

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5T8257BTM SONY-CXK5T8257BTM Datasheet
209Kb / 10P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK58257AP SONY-CXK58257AP Datasheet
291Kb / 10P
   32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz