Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK5V81000ATM Datasheet(PDF) 2 Page - Sony Corporation

Part # CXK5V81000ATM
Description  131072-word X 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5V81000ATM Datasheet(HTML) 2 Page - Sony Corporation

  CXK5V81000ATM Datasheet HTML 1Page - Sony Corporation CXK5V81000ATM Datasheet HTML 2Page - Sony Corporation CXK5V81000ATM Datasheet HTML 3Page - Sony Corporation CXK5V81000ATM Datasheet HTML 4Page - Sony Corporation CXK5V81000ATM Datasheet HTML 5Page - Sony Corporation CXK5V81000ATM Datasheet HTML 6Page - Sony Corporation CXK5V81000ATM Datasheet HTML 7Page - Sony Corporation CXK5V81000ATM Datasheet HTML 8Page - Sony Corporation CXK5V81000ATM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
– 2 –
CXK5V81000ATM
Address input
Data input output
Chip enable 1, 2 input
Write enable input
Output enable input
Power supply
Ground
No connection
Symbol
Description
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipation
Operating temperature
Storage temperature
Soldering temperature · time
VCC
VIN
VI/O
PD
Topr
Tstg
Tsolder
–0.5 to +4.6
–0.5
∗ to VCC + 0.5
–0.5
∗ to VCC + 0.5
0.7
–25 to +85
–55 to +150
235 · 10
V
V
V
W
°C
°C
°C · s
Item
Symbol
Rating
Unit
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
∗ VIN, VI/O = –3.0V Min. for pulse width less than 50ns.
Pin Description
A0 to A16
I/O1 to I/O8
CE1, CE2
WE
OE
VCC
GND
NC
OE
A10
CE1
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
A3
18
19
20
21
22
23
24
25
26
27
28
29
30
32
A11
A9
A8
A13
WE
CE2
A15
Vcc
NC
A16
A14
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
31
17
CXK5V81000ATM
Pin Configuration (Top View)
H
×
L
L
L
×
L
H
H
H
×
×
H
L
×
×
×
H
H
L
Not selected
Not selected
Output disable
Read
Write
High Z
High Z
High Z
Data out
Data in
ISB1, ISB2
ISB1, ISB2
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
CE1 CE2
OE
WE
Mode
I/O pin
VCC Current
Truth Table
×: “H” or “L”
Supply voltage
Input high voltage
Input low voltage
Item
Symbol
Min.
Typ.
Max.
Unit
VCC
VIH
VIL
3.0
2.2
–0.3
3.3
3.6
VCC + 0.3
0.6
V
V
V
DC Recommended Operating Conditions
(Ta = –25 to +85°C, GND = 0V)
∗ VIL = –3.0V Min. for pulse width less than 50ns.


Similar Part No. - CXK5V81000ATM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5V8257BM SONY-CXK5V8257BM Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BM-10LL SONY-CXK5V8257BM-10LL Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BM-70LL SONY-CXK5V8257BM-70LL Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BTM SONY-CXK5V8257BTM Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BTM-10LL SONY-CXK5V8257BTM-10LL Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5V81000ATM

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000ATM SONY-CXK581000ATM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com