Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5T81000AM-10LLX Datasheet(PDF) 9 Page - Sony Corporation

Part No. CXK5T81000AM-10LLX
Description  131072-word x 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T81000AM-10LLX Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXK5T81000AM-10LLX Datasheet HTML 3Page - Sony Corporation CXK5T81000AM-10LLX Datasheet HTML 4Page - Sony Corporation CXK5T81000AM-10LLX Datasheet HTML 5Page - Sony Corporation CXK5T81000AM-10LLX Datasheet HTML 6Page - Sony Corporation CXK5T81000AM-10LLX Datasheet HTML 7Page - Sony Corporation CXK5T81000AM-10LLX Datasheet HTML 8Page - Sony Corporation CXK5T81000AM-10LLX Datasheet HTML 9Page - Sony Corporation CXK5T81000AM-10LLX Datasheet HTML 10Page - Sony Corporation CXK5T81000AM-10LLX Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
– 9 –
CXK5T81000ATM/AYM/AM
1
–25 to +85°C
–25 to +70°C
+25°C
VCC = 2.0 to 3.6V∗1
Chip disable to data retention mode
Data retention voltage
Data retention setup time
Recovery time
VDR
ICCDR1
ICCDR2
tCDRS
tR
2.0
0
5
0.4
0.48∗2
3.6
24
12
28
V
µA
µA
ns
ns
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Data Retention Characteristics
(Ta = –25 to +85°C)
1 CE1 ≥ Vcc –0.2V, CE2 ≥ Vcc –0.2V (CE1 control) or CE2 ≤ 0.2V (CE2 control)
2 V
CC
= 3.3V, Ta = 25°C
Data retention current
VCC = 3.0V∗1
Data retention waveform
• Low supply voltage data retention waveform (1) (CE1 contol)
VCC
3.0V
2.2V
VDR
CE1
GND
tCDRS
Data retention mode
CE1
≥ VCC – 0.2V
• Low supply voltage data retention waveform (2) (CE2 contol)
tR
Data retention mode
tR
tCDRS
CE2
≤ 0.2V
VCC
3.0V
0.4V
CE2
GND
VDR


Similar Part No. - CXK5T81000AM-10LLX

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000ATN-10LLX SONY-CXK5T81000ATN-10LLX Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000ATN-12LLX SONY-CXK5T81000ATN-12LLX Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000AYN SONY-CXK5T81000AYN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000AYN-10LLX SONY-CXK5T81000AYN-10LLX Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5T81000AM-10LLX

ManufacturerPart No.DatasheetDescription
Hitachi Semiconductor
Hitachi Semiconductor
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
Sony Corporation
Sony Corporation
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
Hitachi Semiconductor
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
Sony Corporation
Sony Corporation
CXK581000ATM SONY-CXK581000ATM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
Toshiba Semiconductor
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz